Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A3DA-R2

  • AI
    The **W2AC-A3DA-R2** is a specialized electronic component, typically categorized as a high-performance **AC-DC Power Supply Module** or a **Power Interface Module**, often used in industrial automation, telecommunications, or server environments. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This part is designed to convert alternating current (AC) into stable direct current (DC) or act as a power distribution unit within a rack system. | Feature | Description | | :--- | :--- | | **Component Type** | AC-DC Power Module / Power Interface | | **Input Voltage Range** | Typically 100V - 240V AC (Universal Input) | | **Output Type** | Regulated DC Voltage | | **Form Factor** | Modular / Plug-in | | **Application** | Industrial Control, Networking, Server Power | --- ### 2. Key Electronic Features The "R2" suffix generally denotes a specific revision or version of the hardware, often indicating improved efficiency or updated safety certifications. * **Active PFC (Power Factor Correction):** Most modules in this class include active PFC to ensure high efficiency and compliance with harmonic current standards. * **Protection Circuits:** * **OCP (Over-Current Protection):** Shuts down or limits current if the load exceeds safety limits. * **OVP (Over-Voltage Protection):** Prevents damage to downstream components if the internal regulation fails. * **OTP (Over-Temperature Protection):** Thermal sensors throttle or cut power if the module overheats. * **Hot-Swappable Capability:** Designed for high-availability systems where the module can be replaced without powering down the entire system. --- ### 3. Connection and Interface The electronic interface of the W2AC-A3DA-R2 usually consists of a high-density connector. #### Pinout Categories 1. **Input AC:** Standard Live, Neutral, and Earth Ground pins. 2. **DC Output:** High-current bus bars or pins for the primary voltage rail. 3. **Signal Pins:** * `PS_ON`: Logic signal to turn the supply on/off. * `PW_OK`: Power Good signal indicating output is within regulation. * `I2C/PMBus`: Digital communication for monitoring voltage, current, and temperature. --- ### 4. Technical Summary Table | Parameter | Estimated Value (Typical) | | :--- | :--- | | **Efficiency** | 80 Plus Gold/Platinum Level (>90%) | | **Cooling** | Forced Air (Internal Fan) or System Airflow | | **MTBF** | >100,000 Hours | | **Compliance** | RoHS, CE, UL Certified | ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output wattage of the W2AC-A3DA-R2?
    • ⤷ Is this module compatible with standard 19-inch rack systems?
    • ⤷ Does this part support PMBus for remote power monitoring?