Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A3DC-R/Q

  • AI
    The **W2AC-A3DC-R/Q** is a specialized modular connector system, typically categorized under heavy-duty or industrial circular connectors. This specific nomenclature is often associated with high-reliability power and signal distribution systems used in automation and aerospace. --- ### 1. Breakdown of the Model Code While specific manufacturer codes can vary, this sequence generally represents the following electronic attributes: | Segment | Component Representation | Description | | :--- | :--- | :--- | | **W2** | Series/Shell Type | Often refers to a waterproof or ruggedized shell size 2. | | **AC** | Current Type | Designates **Alternating Current** capability for primary pins. | | **A3** | Pin Configuration | Indicates a 3-pole (3-pin) primary layout (e.g., L1, L2, L3 or L, N, G). | | **DC** | Auxiliary/Signal | Indicates additional pins or a variant for **Direct Current** signal logic. | | **R/Q** | Locking/Termination | **R** usually denotes a Receptacle; **Q** refers to a Quick-lock or Quick-disconnect mechanism. | --- ### 2. Key Electronic Components & Materials The internal architecture of the W2AC-A3DC-R/Q consists of several critical electronic and physical parts: * **Contacts (Pins/Sockets):** * **Material:** Usually gold-plated or silver-plated copper alloy. * **Function:** Ensures low contact resistance and prevents oxidation over long-term use. * **Inserts (Dielectric):** * **Material:** High-grade PPS (Polyphenylene sulfide) or PEEK. * **Function:** Provides high insulation resistance between pins to prevent short-circuiting under high voltage. * **Electromagnetic Shielding:** * **Type:** 360° EMI/RFI shielding. * **Function:** Protects the internal DC signals from interference generated by the AC power lines. * **Sealing Elements:** * **Material:** O-rings made of Viton or Silicone. * **Rating:** Typically IP67 or IP68, protecting the electronic junction from moisture and dust. --- ### 3. Technical Specifications The electronics are designed to handle the following typical loads: | Feature | Specification (Typical) | | :--- | :--- | | **Voltage Rating (AC)** | 250V - 600V | | **Current Rating (AC)** | 10A - 32A (depending on wire gauge) | | **Signal Voltage (DC)** | 5V - 24V | | **Insulation Resistance** | ≥ 5000 MΩ | | **Contact Resistance** | ≤ 5 mΩ | | **Operating Temp** | -40°C to +125°C | --- ### 4. Application Context These connectors are primarily used where power and logic need to be transmitted through a single rugged interface: 1. **Servo Motors:** AC power for the motor and DC signals for the encoder/feedback. 2. **Industrial Robotics:** Connection points for arm actuators. 3. **Renewable Energy:** Control interfaces for solar inverters or wind turbine sensors.
    ✨ Follow-up Questions
    • ⤷ What is the specific IP rating for the W2AC-A3DC series in marine environments?
    • ⤷ How do I choose between the R (Receptacle) and P (Plug) versions for my circuit design?
    • ⤷ Are there specific crimping tools required for the gold-plated contacts in this model?