Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A3DC-R2

  • AI
    The **W2AC-A3DC-R2** is a specific model within a series of industrial-grade signal conditioners or isolation transmitters. These devices are primarily used in automation and control systems to convert and isolate electrical signals between field sensors and PLC/DCS systems. ### 1. Part Number Breakdown (Typical Nomenclature) While specific manufacturers (like *Wandshun* or *W-Link*) may vary slightly, the nomenclature generally follows this logic: | Code Segment | Description | Typical Meaning | | :--- | :--- | :--- | | **W2** | Series Designator | Dual-channel or specific compact housing series. | | **AC** | Input Signal | Often represents Alternating Current or a specific 4-20mA/0-10V range. | | **A3** | Output Signal | Standardized analog output (e.g., 0-5V or 4-20mA). | | **DC** | Power Supply | Indicates the unit requires a DC power source (usually 24VDC). | | **R2** | Configuration/Mounting | Often refers to Relay outputs or DIN-rail mounting specifications. | --- ### 2. Key Electronic Components & Functions Internally, the W2AC-A3DC-R2 consists of several critical stages to ensure signal integrity: 1. **Input Conditioning Stage:** * **Precision Resistors:** Used to shunt current signals into measurable voltages. * **Filtering:** Capacitors and inductors to remove high-frequency noise from field wiring. 2. **Isolation Barrier (Optical/Magnetic):** * This is the core of the device. It uses **Optocouplers** or **Magnetic Coupling** to pass the signal without a direct electrical connection. This protects the control system from high-voltage surges or ground loops. 3. **Signal Processing (Amplification):** * **Operational Amplifiers (Op-Amps):** High-precision amplifiers (like the OP07 series) ensure the signal remains linear and accurate during the conversion process. 4. **Output Driver:** * Transistors or dedicated output ICs that "drive" the signal over long distances to the receiver. 5. **DC-DC Converter:** * An internal power module that provides isolated power to both the "field side" and the "control side" of the circuit. --- ### 3. Technical Specifications Typical parameters for this class of electronic part include: * **Isolation Voltage:** Usually 1500V AC or 2500V DC for 1 minute. * **Accuracy Class:** Typically 0.1% or 0.2% F.S. (Full Scale). * **Response Time:** $< 100ms$ (standard for process control). * **Temperature Drift:** $\le 100 ppm/^\circ C$. --- ### 4. Implementation Example Below is a conceptual representation of how the wiring is structured in an industrial cabinet: ```mermaid graph LR A[Sensor 4-20mA] --> B[W2AC Input Terminal] B --> C{Isolation Barrier} C --> D[W2AC Output Terminal] D --> E[PLC Analog Input] F[24V DC Power] --> B ```
    ✨ Follow-up Questions
    • ⤷ What is the specific input and output range for the A3DC variant?
    • ⤷ How does magnetic isolation compare to optical isolation in these units?
    • ⤷ What are the common troubleshooting steps if the output signal is zero?