Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A41Y-R2/Q

  • AI
    The **W2AC-A41Y-R2/Q** is a specialized electronic component, typically categorized as a **Magnetic Proximity Sensor** or a **Limit Switch**, often utilized in industrial automation and security systems. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Component Type** | Magnetic Proximity Switch / Reed Switch | | **Contact Form** | Normally Open (NO) / SPST | | **Maximum Voltage** | Typically up to 100V DC / 125V AC | | **Current Rating** | ~0.5A (Switching) | | **Housing Material** | High-grade Plastic or Metal (Application dependent) | | **Mounting Type** | Surface Mount or Threaded (Series specific) | | **Termination** | Wire Leads / Cable | --- ### 2. Key Electronic Parts & Components The device operates using a combination of electromagnetic principles and mechanical switching. Its internal architecture includes: #### A. The Reed Capsule The heart of the device is a glass-encapsulated reed switch. It consists of two ferromagnetic blades (reeds) positioned a few microns apart. When a magnetic field (from an external actuator) is brought near, the blades become polarized and pull together, completing the circuit. #### B. Housing and Potting To protect the sensitive reed capsule from industrial environments (vibration, moisture, and dust), the internal electronics are encased in a housing and filled with an **Epoxy Potting Compound**. This ensures the device is IP-rated (typically IP67). #### C. Protection Circuitry (Model Variations) Some versions within this series include: * **Varistors/TVS Diodes:** To protect the contacts against voltage spikes when switching inductive loads. * **Current Limiting Resistors:** To prevent contact welding during high-inrush current events. --- ### 3. Operational Logic The "A41Y" designation often refers to the specific wiring configuration or sensitivity range. 1. **Detection:** The sensor detects the presence of a magnetic actuator without physical contact. 2. **State Change:** As the magnet approaches the "Sensing Face," the internal reeds close. 3. **Signal Output:** The closed contact allows current to flow to a PLC (Programmable Logic Controller) or an alarm panel, signifying a "Closed" or "Safe" state. --- ### 4. Typical Applications * **Security Systems:** Monitoring door or window positions. * **Industrial Automation:** Piston position sensing in pneumatic cylinders. * **Safety Interlocks:** Ensuring machine guards are closed before operation.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for this specific model?
    • ⤷ Does this sensor require an external power supply to operate?
    • ⤷ What are the primary differences between the R2 and Q variants?