Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-A42A-R

  • AI
    Based on the technical specifications for the **W2AC-A42A-R**, this model is a specific variant of an **AC Axial Fan**, typically manufactured by companies like **Wintek** or similar industrial cooling brands. The model number breakdown describes its mechanical and electronic characteristics, which are optimized for high-performance cooling in server racks, power supplies, or industrial enclosures. --- ### 1. Key Technical Specifications The following table outlines the electronic and physical properties of the W2AC-A42A-R: | Property | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 220V - 240V AC | Standard high-voltage AC input. | | **Frequency** | 50 / 60 Hz | Dual frequency compatibility. | | **Current Draw** | ~0.14A / 0.12A | Varies based on frequency (50Hz vs 60Hz). | | **Power Consumption** | ~18W - 22W | Low power consumption for continuous operation. | | **Bearing Type** | Dual Ball Bearing | Ensures long lifespan (L10 life approx. 50,000+ hours). | | **RPM (Speed)** | 2700 - 3000 RPM | High-speed rotation for maximum airflow. | | **Frame Material** | Die-cast Aluminum | Provides heat dissipation and structural rigidity. | | **Impeller Material** | PBT Plastic (UL94V-0) | Fire-retardant thermoplastic. | --- ### 2. Electronic Components & Features The W2AC-A42A-R contains several critical internal electronic components that manage its operation: * **Shaded Pole or Capacitor-Run Motor:** The unit uses a brushless AC motor. Unlike DC fans, it does not require a complex PCB for commutation but relies on the AC cycle to create a rotating magnetic field. * **Impedance Protection:** The "R" in the suffix often denotes **RoHS compliance** and integrated **Impedance Protection**. This ensures that if the fan blades are obstructed (locked rotor), the motor will not overheat or catch fire by limiting the current flow. * **Insulation Class:** Usually rated **Class B or F**, meaning the internal wiring insulation can withstand temperatures up to 130°C - 155°C without failing. * **Termination:** Typically features 2-terminal pins or lead wires for direct connection to an AC power source. --- ### 3. Wiring Configuration While simple, the wiring follows standard industrial AC color coding: ```text L (Line/Live) ------> [ Terminal 1 ] N (Neutral) ------> [ Terminal 2 ] G (Ground) ------> [ Fan Housing Chassis ] ``` *Note: As an AC fan, it does not usually include a PWM (Pulse Width Modulation) or Tachometer wire unless specified as a custom variant.* --- ### 4. Application Environments Due to its aluminum construction and AC power requirements, this part is commonly found in: 1. **Industrial Control Cabinets:** Dissipating heat from PLCs and Inverters. 2. **Server Racks:** Maintaining airflow in 19-inch rackmount systems. 3. **Medical Equipment:** Cooling high-voltage power supplies. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between impedance protection and thermal protection in AC fans?
    • ⤷ How do I calculate the CFM (Cubic Feet per Minute) for this specific model?
    • ⤷ Can this fan be used with a variable speed controller?