Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AA3A-R/Q

  • AI
    The **W2AC-AA3A-R/Q** is a high-performance, industrial-grade cooling fan assembly, typically part of the **Sanyo Denki San Ace** series (specifically the **San Ace 120AD** type). This model is notable for its AC-DC conversion technology, allowing it to run on AC power while utilizing an efficient DC brushless motor. --- ### 1. Key Technical Specifications Below is a breakdown of the electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage** | 100V to 240V AC (Universal Input) | | **Frequency** | 50/60 Hz | | **Motor Type** | Brushless DC Motor (Internal AC/DC Converter) | | **Dimensions** | 120mm x 120mm x 38mm | | **Speed Control** | Pulse Width Modulation (PWM) - indicated by the 'Q' suffix | | **Bearing Type** | Dual Ball Bearing | | **Frame Material** | Aluminum (Die-cast) | | **Impeller Material** | Plastic (Flame Retardant: UL 94V-0) | --- ### 2. Electronic Components & Functionality #### A. Internal AC/DC Converter Unlike traditional AC fans that use induction motors, this unit contains an integrated **switched-mode power supply (SMPS)**. This converts the AC mains voltage into the DC voltage required to drive the internal circuitry. This results in: * **Lower Power Consumption:** Up to 70% more efficient than standard AC fans. * **Constant Speed:** The fan speed remains stable even if the AC input voltage fluctuates. #### B. PWM Control (Q-Suffix) The `/Q` designation indicates the inclusion of a **PWM (Pulse Width Modulation)** control function. * **Purpose:** Allows an external controller to dictate the fan speed by varying the duty cycle of a control signal. * **Benefits:** Reduces acoustic noise and power consumption when full cooling capacity is not required. #### C. Protection Circuitry The electronic control board inside the fan includes several safety features: * **Locked Rotor Protection:** Automatically cuts or reduces power if the blades are obstructed to prevent the motor coils from burning out. * **Reverse Polarity Protection:** Protects the internal DC components from damage during the conversion process. --- ### 3. Wiring Configuration This specific model usually features a lead wire connection (rather than terminals). 1. **AC Power (2 Wires):** Connects to the main power source (Brown/Blue or Black/White). 2. **Control/Sensor (Optional 2 Wires):** * **PWM Input:** Receives the speed control signal. * **Tachometer/FG Output:** Sends a frequency generator signal to the system to monitor actual RPM. --- ### 4. Typical Applications * **Server Racks:** High-density cooling where energy efficiency is critical. * **Industrial Panels:** Converting legacy AC systems to high-efficiency DC cooling without changing the power infrastructure. * **Medical Equipment:** Where low noise and high reliability (ball bearings) are required.
    ✨ Follow-up Questions
    • ⤷ What is the expected lifespan (MTBF) for this specific Sanyo Denki model?
    • ⤷ How do I wire the PWM signal if my controller operates at a different voltage?
    • ⤷ What are the specific airflow (CFM) and static pressure ratings for this unit?