Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AA4D-R2/N

  • AI
    The part number **W2AC-AA4D-R2/N** typically refers to a high-performance **Industrial AC Fan** or **Blower Assembly**, often manufactured by companies like **EBM-Papst** or specialized industrial cooling providers. These components are designed for heavy-duty thermal management in server racks, control cabinets, and industrial machinery. --- ### 1. Technical Specifications Table The following table breaks down the core electrical and physical characteristics of this component series: | Feature | Specification (Typical) | | :--- | :--- | | **Input Voltage** | 230V AC (Standard range 200V - 240V) | | **Frequency** | 50 / 60 Hz | | **Bearing Type** | Dual Ball Bearing (for long life and high heat resistance) | | **Termination** | Lead Wires or Terminal Block (depending on variant) | | **Housing Material** | Die-cast Aluminum | | **Impeller Material** | Sheet Steel or High-Performance Plastic | | **Insulation Class** | Class F or B | | **Protection Rating** | IP20 or IP44 (varies by specific sealing) | --- ### 2. Detailed Component Breakdown #### A. The Motor Structure * **External Rotor Motor:** Unlike standard motors where the rotor is inside the stator, these fans often use an external rotor design. This allows for a very compact footprint and better heat dissipation for the motor itself. * **Capacitor Run:** These AC motors usually require a "Run Capacitor" to create the necessary phase shift for the starting torque and efficient operation. #### B. The "R2/N" Suffix Meaning In industrial coding, these suffixes often denote specific environmental or mounting configurations: * **R2:** Often indicates a specific **Rotation Direction** (Clockwise/Counter-Clockwise) or a specific **Rib design** for the frame. * **N:** Generally signifies **Standard Speed** or a specific bearing lubricant optimized for wide temperature ranges. #### C. Safety and Protection Features * **Thermal Overload Protection:** Most units include an internal thermal switch that cuts power if the motor temperature exceeds safe limits (e.g., +150°C). * **Impedance Protection:** Designed so that even if the fan is stalled (locked rotor), the internal resistance prevents the coils from catching fire. --- ### 3. Application Areas These parts are critical components in the following environments: 1. **Telecommunications:** Cooling for base stations and switching centers. 2. **HVAC Systems:** Air handling units and small-scale heat exchangers. 3. **Industrial Cabinets:** Preventing overheating in PLC (Programmable Logic Controller) enclosures and Variable Frequency Drives (VFDs). --- ### 4. Mounting & Installation Code Example If you are integrating this into a monitored system, you might use a basic sensor to track the fan status (Rotation Detection/Tacho): ```python # Pseudo-code for Fan Health Monitoring (via Hall Effect Sensor) def check_fan_status(rpm_signal): MIN_SAFE_RPM = 1500 if rpm_signal < MIN_SAFE_RPM: trigger_alarm("CRITICAL: Fan speed below threshold. Check for obstruction.") else: return "System Cooling Nominal" ```
    ✨ Follow-up Questions
    • ⤷What is the exact airflow (CFM) rating for the W2AC series?
    • ⤷ Does this model require an external starting capacitor?
    • ⤷ What are the mounting hole dimensions for this specific frame?