Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AADC-R/N

  • AI
    The **W2AC-AADC-R/N** is a specialized precision signal conditioner/transmitter module, typically manufactured by companies like **Watanabe Electric Industry**. It is designed to convert an AC current or voltage input into a standardized DC signal. --- ### 1. Key Technical Specifications The model code "W2AC-AADC-R/N" describes a specific configuration of the device. Below is a breakdown of the electronic parameters: | Component / Feature | Specification Details | | :--- | :--- | | **Device Type** | AC Current/Voltage Transmitter (Signal Conditioner) | | **Input Signal** | AC Current (A) or AC Voltage (V) - RMS Sensing | | **Output Signal** | DC Current or DC Voltage (Standardized) | | **Power Supply** | Usually 24V DC (R-type) or 85-264V AC/DC | | **Mounting** | DIN Rail or Plug-in Base | | **Accuracy** | ±0.2% to ±0.5% of Full Scale | | **Response Time** | Approx. 400ms (to 90% of final value) | --- ### 2. Functional Electronic Sections The internal circuitry of the W2AC-AADC-R/N is divided into several functional blocks: 1. **Input Isolation Stage:** Uses an instrument transformer or a high-impedance divider to safely isolate the high-voltage/current AC input from the rest of the circuit. 2. **AC-to-DC Converter (RMS/Average):** This electronic sub-section rectifies the AC signal and converts it into a stable DC voltage proportional to the True RMS or Average value of the input. 3. **Galvanic Isolation:** High-speed optocouplers or transformers provide 3-way isolation (Input, Output, and Power Supply) to prevent ground loops and protect PLC/DCS systems. 4. **Scaling & Amplification:** Operational amplifiers (Op-Amps) and trimming potentiometers (Zero and Span) allow the user to fine-tune the output range. --- ### 3. Wiring and Pin Configuration While specific layouts can vary by manufacturer, these modules generally follow a standard terminal sequence: * **Terminals 1 & 2:** AC Input (e.g., 0-5A AC from a Current Transformer). * **Terminals 4 & 5:** DC Output (e.g., 4-20mA or 0-10V DC). * **Terminals 7 & 8:** Auxiliary Power Supply. --- ### 4. Application Use Cases * **Motor Monitoring:** Converting the AC current draw of an industrial motor into a 4-20mA signal for a PLC. * **Grid Monitoring:** Sending line voltage data to a remote monitoring station. * **Signal Normalization:** Taking non-standard AC signals and making them compatible with standard data loggers.
    ✨ Follow-up Questions
    • ⤷ What is the exact input range for the W2AC-AADC-R/N model?
    • ⤷ How do I calibrate the Zero and Span on this transmitter?
    • ⤷ Does this model support True RMS conversion or Mean Value rectification?