Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AADY-R2/N

  • AI
    The **W2AC-AADY-R2/N** is a specific model identifier typically associated with **Wisenet (Hanwha Vision)** networking and surveillance accessories, specifically a **Wall Mount Bracket** or integrated housing component. In electronic and structural terms, this part is designed to facilitate the installation and connectivity of security cameras. Below is a detailed breakdown of its specifications and electronic relevance. --- ### 1. General Specifications The part is engineered to provide environmental protection and structural support for high-end surveillance hardware. | Feature | Description | | :--- | :--- | | **Manufacturer** | Hanwha Vision (formerly Samsung Wisenet) | | **Component Type** | Wall Mount Adaptor / Bracket | | **Material** | Aluminum / Die-cast Alloy | | **Ingress Protection** | Often rated IP66/IP67 (when paired with compatible camera) | | **Color** | White (RAL9003 equivalent) | --- ### 2. Electronic & Functional Integration While the bracket itself is a mechanical part, its "electronic" importance lies in how it manages the interface between the camera and the infrastructure: #### A. Cable Management & EMI Shielding * **Conduit Entry:** The "R2/N" revision typically features a 3/4" (G3/4) conduit hole. This allows for protected routing of Ethernet (PoE) and Power cables, preventing signal interference (EMI) from external sources. * **Grounding:** Being made of aluminum alloy, the bracket provides a common ground path to the mounting surface, helping to dissipate static electricity which protects the internal camera sensors. #### B. Environmental Hardening * **Thermal Protection:** The white finish is UV-reflective, reducing heat absorption from direct sunlight. This ensures the camera's internal electronic components (ISP, Image Sensor) stay within operating temperature ranges. * **Vibration Damping:** The rigid structure prevents "micro-vibrations" which can cause motion-blur in high-resolution electronic shutters. --- ### 3. Compatibility Matrix This part is specifically designed to interface with the following electronic units: | Category | Compatible Series | | :--- | :--- | | **Cameras** | Wisenet X-series, P-series, and Q-series Dome Cameras | | **Adaptors** | Requires a hanging mount adaptor (e.g., SBP-120HMW) | | **Network Interfacing** | Supports RJ45 weather-proof connectors | --- ### Summary of the "R2/N" Revision The **R2/N** suffix usually denotes a revision in the physical design to accommodate newer Ethernet connector sizes or a change in the coating material to be more resistant to corrosion in industrial electronic environments.
    ✨ Follow-up Questions
    • ⤷ Which specific Hanwha camera models are compatible with the W2AC-AADY-R2/N?
    • ⤷ Does this bracket include a built-in power supply unit (PSU)?
    • ⤷ What are the torque specifications for mounting the electronic housing to this bracket?