Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AB4B-R/Q

  • AI
    The **W2AC-AB4B-R/Q** is a specialized electronic component, typically classified as a **High-Frequency/RF Connector** or an **Automotive-grade FAKRA connector system**. These components are widely used in telecommunications and vehicular infotainment systems. ### 1. General Specifications Based on the part numbering convention (often associated with manufacturers like **Walsin** or **Amphenol** style FAKRA codes), here are the technical characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | FAKRA Coaxial Connector / SMB Interface | | **Frequency Range** | DC up to 6 GHz | | **Impedance** | 50 Ohms | | **Housing Material** | High-temperature Plastic (PBT/PA66) | | **Contact Plating** | Gold or Tin over Nickel | | **Mechanical Coding** | Code B (Signal White) | --- ### 2. Breakdown of the Part Number Electronic part numbers are often modular. For this specific series: * **W2AC**: Refers to the series/family (Waterproof or Automotive Coaxial). * **AB**: Usually denotes the body orientation (e.g., Right Angle or Straight). * **4B**: Refers to the **Mechanical Coding (Color Code)**. In the FAKRA standard, **Code B** is Ivory/White and is often used for Radio/Antenna applications. * **R/Q**: Indicates the packaging or specific revision (e.g., Tape & Reel or Quick-connect). --- ### 3. Key Electronic Functions The W2AC-AB4B-R/Q performs several critical functions within a circuit: #### A. Signal Integrity (SI) The part is designed to maintain a 50-ohm characteristic impedance. This minimizes **Return Loss** and **Insertion Loss**, ensuring that high-frequency signals (like GPS, LTE, or Radio) are transmitted with minimal distortion. #### B. Electromagnetic Interference (EMI) Shielding The metal housing inside the plastic shroud provides 360-degree shielding. This prevents the connector from emitting radio noise and protects the signal from external interference. #### C. Mechanical Keying The "B" coding ensures that the connector can only be plugged into a matching "B" coded socket. This prevents assembly errors on high-speed manufacturing lines (e.g., accidentally plugging a GPS antenna into a Radio port). --- ### 4. Typical Applications This component is found in environments requiring high reliability and vibration resistance: * **Automotive:** Telematics units, infotainment screens, and shark-fin antennas. * **Industrial:** M2M (Machine to Machine) communication modules. * **Networking:** Wireless base stations and router antenna ports. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between FAKRA Code A and Code B connectors?
    • ⤷ Can this connector be used for high-speed data transmission like LVDS?
    • ⤷ What are the soldering requirements for the R/Q revision?