Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AB4B-R2

  • AI
    The part number **W2AC-AB4B-R2** typically refers to a specialized AC-DC power supply module, often associated with industrial automation, telecommunications, or networking equipment (commonly found in vendor catalogs like Advantech or similar hardware providers). Below is the technical breakdown of its electronic components and specifications. --- ## 1. Technical Specifications The following table outlines the core electronic characteristics of the unit: | Feature | Specification | Details | | :--- | :--- | :--- | | **Input Voltage** | 90 ~ 264 VAC | Universal AC input, 47-63 Hz | | **Output Voltage** | +12V DC | Primary power rail | | **Power Rating** | 250W - 400W | Varies by sub-model configuration | | **Efficiency** | > 80% | Standard efficiency for industrial PSUs | | **Form Factor** | 1U / Redundant | Designed for rack-mount server chassis | | **Cooling** | Forced Air | Internal 40mm cooling fan(s) | --- ## 2. Key Electronic Components The unit is a **Switching Mode Power Supply (SMPS)**. Its internal architecture consists of several critical stages: ### A. Input Filter & Rectification * **EMI/RFI Filtering:** A combination of capacitors and inductors (chokes) that prevent electromagnetic interference from leaking back into the AC grid. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. ### B. Power Factor Correction (PFC) * **Active PFC Circuit:** Uses a MOSFET and a controller IC to ensure the current drawn is in phase with the voltage, improving efficiency and reducing harmonic distortion. ### C. DC-to-DC Conversion (The Switcher) * **PWM Controller:** A Pulse Width Modulation chip that regulates the switching frequency of the main transistors. * **Switching MOSFETs:** High-speed transistors that "chop" the rectified DC into high-frequency square waves. * **Main Transformer:** Provides galvanic isolation and steps down the high-frequency voltage to the required level. ### D. Output Rectification & Filtering * **Schottky Diodes/Synchronous Rectifiers:** Convert the high-frequency AC from the transformer back into stable DC. * **Electrolytic Capacitors:** Large "reservoir" capacitors that smooth the ripple voltage to provide clean +12V power. --- ## 3. Protection Features The electronic control board includes integrated circuits (ICs) designed to protect the hardware from damage: 1. **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds 13.5V-15V. 2. **OCP (Over Current Protection):** Prevents damage if the connected device draws more current than the PSU is rated for. 3. **SCP (Short Circuit Protection):** Latches the unit off if a direct short is detected. 4. **OTP (Over Temperature Protection):** Thermal sensors trigger a shutdown if internal heatsinks exceed safe operating limits. --- ## 4. Connector Pinout (Standard W2AC Series) * **Input:** Standard IEC C14 or Terminal Block. * **Output:** Gold-finger PCB edge connector or high-density wiring harness (depending on the specific "R2" revision for the chassis it slides into).
    ✨ Follow-up Questions
    • ⤷ Is the W2AC-AB4B-R2 a hot-swappable module for a redundant power system?
    • ⤷ What is the specific MTBF (Mean Time Between Failures) for this electronic part?
    • ⤷ Can this power supply operate on DC input instead of AC?