Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ABAB-R

  • AI
    The **W2AC-ABAB-R** is a specific model of an **Industrial Joystick Controller**, typically manufactured by companies like **OTTO Engineering** or similar industrial component specialists. These devices are designed for heavy-duty applications such as cranes, construction equipment, and material handling. --- ### 1. Component Overview The W2AC series generally refers to a **Hall Effect** or **Potentiometric** control handle. Below is a breakdown of the technical specifications and electronic characteristics: | Feature | Specification Details | | :--- | :--- | | **Technology** | Hall Effect (Non-contacting) or Precision Potentiometer | | **Axis Configuration** | 2-Axis (X and Y movement) | | **Output Signal** | Analog (0.5V to 4.5V typically) or PWM | | **Input Voltage** | 5V DC (Regulated) | | **Mechanical Life** | Up to 1,000,000 cycles | | **Environmental Rating** | IP68 (Submersible/Dust-tight) | --- ### 2. Electronic Parts Breakdown #### A. The Sensing Element (Hall Effect Sensors) Unlike standard mechanical switches, this joystick uses magnets and Hall Effect sensors. - **Advantage:** No physical contact between the moving handle and the sensor, preventing wear and tear. - **Circuitry:** The sensor detects the magnetic field density as the handle tilts, converting it into a linear voltage output. #### B. The Handle Configuration (ABAB Code) In the part number `W2AC-ABAB-R`, the alphabetical codes usually represent the button or trigger configuration: - **Buttons:** Often features two thumb buttons or a trigger. - **Wiring:** Pre-terminated wire leads or a multi-pin connector (e.g., Deutsch or Amphenol). #### C. Electrical Connections The joystick typically requires a 3-wire or 6-wire connection per axis: 1. **Red/Pink:** VCC (Positive Power) 2. **Black/Blue:** GND (Ground) 3. **Yellow/Green:** Output Signal (The variable voltage) --- ### 3. Application Use Cases Because of its rugged electronic design, the W2AC-ABAB-R is commonly found in: * **Remote Control Chest Packs:** For operating overhead cranes. * **Forestry Equipment:** Controlling hydraulic arms. * **Military Vehicles:** Turret or surveillance camera positioning. --- ### 4. Technical Schematic Concept ```cpp // Example: Reading Joystick Analog Data via Microcontroller int xAxisPin = A0; int yAxisPin = A1; void setup() { Serial.begin(9600); } void loop() { int xVal = analogRead(xAxisPin); // Reads 0-1023 int yVal = analogRead(yAxisPin); // Neutral position is usually around 512 (2.5V) Serial.print("X-Axis: "); Serial.println(xVal); delay(100); } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout for the W2AC-ABAB-R connector?
    • ⤷ Can this joystick be used with a 12V power supply directly?
    • ⤷ What are the common failure modes for Hall Effect joysticks?