Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ABAB-R2

  • AI
    The **W2AC-ABAB-R2** is a specialized cable assembly primarily used in telecommunications and data networking environments. It is a high-performance, shielded balanced cable often associated with DS3/DS4 transmission or high-speed digital cross-connect systems. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Component Breakdown | Component | Specification | Description | | :--- | :--- | :--- | | **Connector A** | BNC Male | 75-ohm impedance, straight connector with nickel/gold plating. | | **Connector B** | BNC Male | Identical to Connector A, ensuring a symmetrical signal path. | | **Cable Type** | Coaxial (Dual) | Usually refers to a twin-axial or dual-coaxial configuration. | | **Impedance** | 75 Ohms | Standardized for video and telecommunications signal integrity. | | **Jacket Material** | PVC or Plenum | Depending on the specific suffix, usually Riser (R2) rated. | --- ### 2. Technical Electronic Characteristics #### A. Signal Integrity and Impedance The parts are designed to maintain a consistent **75-ohm impedance**. This is critical because any mismatch in impedance between the cable and the electronic interface (the W2AC part) would cause signal reflections, leading to data errors or "ghosting" in video applications. #### B. Shielding and EMI Protection To prevent electromagnetic interference (EMI) in high-density server racks: * **Outer Shield:** Tinned copper braid. * **Inner Shield:** Aluminum foil tape (100% coverage). * **Function:** This ensures that the high-frequency signals inside the "ABAB" configuration do not leak out and external noise does not corrupt the data stream. #### C. The "R2" Designation In electronic part numbering, **R2** typically refers to the **Environmental/Fire Rating**: * **Riser Rated (CMR):** The insulation and jacket materials are designed to prevent the spread of fire between floors via vertical shafts. * **Electronic Safety:** Uses flame-retardant compounds that emit lower smoke levels compared to standard PVC. --- ### 3. Application Use Cases This specific part is most commonly found in the following electronic infrastructures: 1. **Central Office (CO):** Connecting digital cross-connect (DSX) frames. 2. **Broadcast Engineering:** Routing uncompressed digital video signals. 3. **Data Centers:** High-speed interconnection between routers and DS3 termination points. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency limitations for the W2AC-ABAB-R2 cable?
    • ⤷ How does a 75-ohm impedance differ from 50-ohm in these electronic parts?
    • ⤷ Is there a Plenum-rated equivalent to the R2 Riser version?