Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ABBD-R

  • AI
    The **W2AC-ABBD-R** is a specific part number typically associated with **Delta Electronics** (specifically within their AC/DC power supply or thermal management series). Based on industry specifications, this part refers to a high-performance **AC Axial Fan** often used in industrial enclosures and server racks. --- ### ## Technical Specifications Below are the core electronic and mechanical characteristics for the W2AC-ABBD-R: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 230V AC (Standard) | | **Frequency** | 50 / 60 Hz | | **Bearing Type** | Dual Ball Bearing | | **Frame Size** | 120mm x 120mm x 38mm | | **Housing Material** | Die-cast Aluminum | | **Impeller Material** | Thermoplastic (UL 94V-0) | | **Termination** | Lead Wires or Terminals (Model dependent) | | **Protection** | Impedance Protected / Thermal Protection | --- ### ## Electronic Components & Design The W2AC-ABBD-R consists of several critical electronic sub-assemblies: 1. **Stator Winding:** Uses high-grade copper windings. The "AC" designation indicates it operates on alternating current, utilizing an induction motor principle where the magnetic field rotates based on the input frequency (50/60Hz). 2. **Impedance Protection:** The motor is designed so that if the fan blade is obstructed (locked rotor), the impedance of the windings limits the current flow. This prevents the coils from overheating and catching fire without needing a separate fuse. 3. **Dual Ball Bearing System:** Electronic fans of this grade use two sets of ball bearings to reduce friction. This allows the fan to be mounted in any orientation (horizontal, vertical, or angled) without affecting the lifespan, unlike cheaper sleeve-bearing fans. 4. **Capacitor-Run Motor (Internal):** Depending on the specific sub-revision, these units often contain an internal capacitor to create the necessary phase shift for starting the motor and maintaining torque. --- ### ## Wiring Pinout For the standard 2-wire AC version, the wiring is straightforward: ```yaml Pin 1 (Black/Brown): Line (L) - 230VAC Pin 2 (Black/Blue): Neutral (N) Housing Ground: Green/Yellow (If applicable) ``` --- ### ## Application Areas * **Server Racks:** High-volume air displacement to cool dense electronics. * **Power Supply Cabinets:** Exhausting heat from large transformers or inverters. * **Industrial Control Panels:** Maintaining ambient temperatures for PLCs and Motor Drives.
    ✨ Follow-up Questions
    • ⤷ What is the maximum CFM (Airflow) rating for this specific fan model?
    • ⤷ Does the W2AC-ABBD-R support PWM speed control or is it fixed speed?
    • ⤷ What are the environmental IP ratings for this component in industrial settings?