Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AC2C-R/Q

  • AI
    The **W2AC-AC2C-R/Q** is a high-performance **Fiber Optic Transceiver Module**, typically associated with industrial networking, telecommunications, or high-speed data transmission systems. While part numbers can vary slightly by manufacturer (often associated with brands like Delta or specific industrial OEMs), this specific series generally refers to an **SFP (Small Form-factor Pluggable)** or specialized optical interface. Below is a breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification Details | | :--- | :--- | | **Form Factor** | SFP (Small Form-factor Pluggable) | | **Data Rate** | Typically supports 1.25 Gbps (Gigabit Ethernet) to 2.5 Gbps | | **Wavelength** | 1310nm or 1550nm (depending on R/Q suffix) | | **Connector Type** | Dual LC (Lucent Connector) | | **Transmission Distance** | 2km to 20km (Medium to Long Haul) | | **Voltage Supply** | 3.3V (Standard DC) | --- ### 2. Internal Electronic Components The module is comprised of several critical sub-assemblies that handle the conversion between electrical and optical signals: #### A. The Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains a **Laser Diode** (usually a DFB or FP laser). It converts electrical data pulses from the host switch into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a **Photodiode** (PIN or APD) and a Transimpedance Amplifier (TIA). It detects incoming light and converts it back into an electrical current. #### B. The Integrated Circuits (ICs) * **Laser Driver:** Controls the TOSA. It regulates the current sent to the laser to ensure high-speed switching and stable optical output. * **Limiting Amplifier:** Processes the signal from the ROSA, "squaring" the electrical waves to ensure they are clean for the host device to read. * **EEPROM:** A small memory chip that stores the module's identification, serial number, and vendor information (used for hardware compatibility). #### C. Control and Monitoring (DDM/DOM) The "Q" in some variations often signifies **Digital Diagnostic Monitoring (DDM)**. This allows the host system to monitor real-time parameters: * Temperature * Supply Voltage * Laser Bias Current * Optical Transmit Power * Optical Receive Power --- ### 3. Suffix Meanings (R/Q) * **-R:** Generally indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning the electronic parts are lead-free. * **-Q:** Often refers to **Industrial Grade** temperature ratings (e.g., -40°C to +85°C) or specific internal calibration settings for high-reliability environments. --- ### 4. Typical Application Circuit When integrated into a PCB, the module communicates via the following pinout logic: ```c // Simplified Logical Pin Mapping Pin 1 -> VeeT (Transmitter Ground) Pin 2 -> TX_Fault (Indicates Laser Malfunction) Pin 3 -> TX_Disable (Turns off the Laser) Pin 4 -> SDA (I2C Data for EEPROM/DDM) Pin 5 -> SCL (I2C Clock) Pin 12 -> RD- (Inverted Received Data Out) Pin 13 -> RD+ (Non-Inverted Received Data Out) Pin 18 -> TD+ (Non-Inverted Transmit Data In) Pin 19 -> TD- (Inverted Transmit Data In) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the 'Q' variant of this module?
    • ⤷ Can this module be used with Single-Mode or Multi-Mode fiber?
    • ⤷ How do I troubleshoot a 'TX_Fault' error on this specific part?