Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AC3B-R2

  • AI
    The **W2AC-AC3B-R2** is a specific electronic hardware component, typically identified as a high-performance **AC-to-AC Power Supply / Power Module** or part of a modular workstation system (often associated with industrial computing or specialized server chassis). Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications The W2AC-AC3B-R2 is designed for stability and high power density. It is commonly used in environments requiring redundant power configurations. | Feature | Specification | | :--- | :--- | | **Component Type** | AC-AC Power Module / Power Distribution Unit | | **Input Voltage** | 100V – 240V AC (Auto-ranging) | | **Output Type** | AC Pass-through / Regulated Internal Rails | | **Redundancy** | Supported (N+1 configuration common) | | **Form Factor** | Proprietary / Rack-mount Module | --- ### 2. Key Electronic Components This module consists of several critical sub-systems to ensure clean power delivery: * **EMI Filter Stage:** Uses X/Y capacitors and common-mode chokes to suppress electromagnetic interference from the AC line. * **PFC (Power Factor Correction):** Active PFC circuitry ensures high efficiency (typically >90%) and reduces harmonic distortion. * **Hot-Swap Controller:** Includes specialized MOSFETs and logic gates that allow the module to be inserted or removed while the system is live without causing voltage spikes. * **Monitoring Interface (I2C/PMBus):** Typically features a small microcontroller to report temperature, fan speed, and power consumption to the main system board. --- ### 3. Pinout and Connectivity While the physical interface is often a "gold-finger" edge connector, the signals generally follow this logic: 1. **AC Input Pins:** L (Line), N (Neutral), G (Ground). 2. **Status Pins:** * `PS_ON`: Signal to turn the unit on. * `PW_OK`: Power Good signal indicating voltages are within 5% tolerance. * `SCL/SDA`: I2C communication lines for system health monitoring. 3. **Current Share Bus:** Allows multiple modules to balance the load equally. --- ### 4. Safety and Protection Features The internal circuitry includes several protection layers (ICs and Fuses): * **OVP (Over Voltage Protection):** Shuts down the unit if the output exceeds safe limits. * **OCP (Over Current Protection):** Prevents damage during a short circuit. * **OTP (Over Temperature Protection):** Internal thermistors trigger a shutdown if the heat sink temperature exceeds a threshold (usually 85°C - 105°C).
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage rating for the W2AC-AC3B-R2 module?
    • ⤷ Is this module compatible with standard ATX power signals?
    • ⤷ How do I troubleshoot the 'Fault' LED on this specific power unit?