Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ACAA-R2/Q

  • AI
    The part number **W2AC-ACAA-R2/Q** refers to a high-performance **W-Series Variable Frequency Drive (VFD)** or a specialized AC Inverter, typically manufactured by **Nidec (Control Techniques)** or integrated within specific industrial HVAC/pump systems. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Input Voltage** | 200V - 240V AC (3-Phase) | | **Output Type** | Variable Frequency AC (Pulse Width Modulation) | | **Cooling Method** | Air-cooled (Internal Heat Sink + Fan) | | **Communication** | Modbus RTU (Standard) / Optional Fieldbus | | **Enclosure Rating** | IP20 / NEMA 1 (Typical) | | **Safety Features** | STO (Safe Torque Off), Overcurrent, Overvoltage | --- ### 2. Core Electronic Components The device functions as a power conversion unit. Its internal architecture consists of several key electronic stages: #### A. Rectifier Stage (AC to DC) * **Diodes/Thyristors:** Converts the incoming 3-phase AC power into a raw DC voltage. * **Inrush Current Limiter:** Uses a thermistor or a relay-resistor circuit to prevent damage to the capacitors during initial power-up. #### B. DC Bus (Filtering) * **Electrolytic Capacitors:** Large "banks" that smooth the rectified DC voltage and store energy to handle load transients. * **DC Choke (Optional):** Reduces harmonic distortion and protects the drive from line spikes. #### C. Inverter Stage (DC to AC) * **IGBTs (Insulated Gate Bipolar Transistors):** High-speed switches that toggle the DC voltage on and off. * **PWM Control:** By varying the "width" of these pulses, the drive creates a simulated AC sine wave at different frequencies to control motor speed. #### D. Control Logic & Processing * **Microcontroller/DSP:** The "brain" that calculates the motor flux, handles PID loops, and processes user parameters. * **Gate Drivers:** Small circuits that provide the isolated voltage required to trigger the power IGBTs. --- ### 3. Part Number Suffix Decoding (/Q) In industrial electronics, specific suffixes denote specialized testing or configurations: * **R2:** Usually refers to the hardware revision or a specific frame size (Physical dimensions). * **/Q:** This often indicates **Quality/Conformance testing**. It may signify that the unit has undergone extended burn-in testing, specific UL/CE certifications for a certain region, or is part of a "Quick-start" pre-configured batch for specific OEM partners. --- ### 4. Typical Applications * **Centrifugal Pumps:** Energy saving through variable flow control. * **Industrial Fans:** Smooth acceleration (Soft Start) and deceleration. * **Conveyor Systems:** Precise speed matching for production lines.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring requirements for the R2 frame size?
    • ⤷ Does this model support EtherCAT or Profinet communication modules?
    • ⤷ How do I troubleshoot an 'Overvoltage' fault on the DC bus?