Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ACAC-R/Q

  • AI
    The **W2AC-ACAC-R/Q** is a specific model identifier typically associated with **AC-to-AC Solid State Relays (SSR)** or power control modules. These components are designed to switch AC loads using an AC control signal, offering a wear-free alternative to traditional mechanical relays. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Feature | Specification (Typical) | Description | | :--- | :--- | :--- | | **Control Voltage** | 80 - 280V AC | The input signal required to trigger the device. | | **Load Voltage** | 24 - 480V AC | The voltage range of the device being powered. | | **Load Current** | 10A - 40A (Model dependent) | The maximum continuous current the SSR can handle. | | **Switching Type** | Zero-Cross Switching | Switches only when AC voltage crosses zero to reduce noise. | | **Dielectric Strength** | 2500V AC | Isolation between input, output, and the base plate. | --- ### 2. Internal Electronic Components The "R/Q" designation usually refers to internal protection and performance enhancements: 1. **TRIAC or Dual SCRs:** The heart of the unit. High-current models use back-to-back SCRs (Silicon Controlled Rectifiers) for better heat dissipation and durability compared to a single TRIAC. 2. **Opto-Isolator:** Provides electrical isolation between the high-voltage load and the control signal, protecting the user and sensitive control circuitry. 3. **Zero-Crossing Circuit:** Ensures the device turns on only at the beginning of an AC cycle, minimizing electromagnetic interference (EMI) and current surges. 4. **RC Snubber (The "R" Suffix):** An internal Resistor-Capacitor network that protects the switching element from rapid voltage spikes ($dv/dt$) caused by inductive loads like motors or solenoids. --- ### 3. Connection Diagram (Conceptual) ```text Control Side (Input) Load Side (Output) [ 80-280V AC ] [ AC Power Source ] | | | | ( Terminal 3 ) ( Terminal 1 ) | | [ SSR ] -------------------- [ LOAD ] | | ( Terminal 4 ) ( Terminal 2 ) | | |______________________________| ``` --- ### 4. Application Considerations * **Heat Sinking:** Because these are semiconductor-based, they generate heat (approx. 1.2 to 1.5 Watts per Ampere). For loads exceeding 5A, an external heatsink is mandatory. * **Inductive Loads:** When using the "R" version for motors or transformers, ensure the current rating is derated (usually by 50-70%) to handle the high start-up inrush current.
    ✨ Follow-up Questions
    • ⤷ What is the difference between zero-cross and random-fire switching in SSRs?
    • ⤷ How do I calculate the required heatsink size for a 20A load?
    • ⤷ Can this SSR be used to control DC loads?