Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ACDD-R2

  • AI
    The **W2AC-ACDD-R2** is a specific model within the **W2 Series** of industrial AC/AC solid-state power controllers, typically manufactured by companies like **Watlow**. These devices are designed to replace traditional electromechanical relays for high-speed, high-cycle switching of electrical heaters. --- ### 1. Part Number Breakdown Understanding the electronic capabilities requires decoding the nomenclature: | Code Segment | Description | Specific Detail | | :--- | :--- | :--- | | **W2** | Series Designation | Series 2, compact DIN-rail mount solid-state power controller. | | **AC** | Input Voltage | AC Input (Logic signal or Line voltage sensing). | | **AC** | Output Voltage | AC Output (Switching alternating current). | | **DD** | Configuration | Dual-channel / Dual-pole switching (Independent or simultaneous). | | **R2** | Rating/Revision | Specific amperage rating (typically 20A to 40A range) and hardware revision. | --- ### 2. Key Electronic Components The internal architecture consists of several critical electronic stages: #### A. Opto-Isolator (Input Stage) * **Function:** Provides electrical isolation between the low-voltage control signal (PLC/Temperature Controller) and the high-voltage load. * **Benefit:** Protects sensitive electronics from power surges on the load side. #### B. Zero-Cross Detection Circuit * **Function:** Ensures the device only switches "ON" when the AC sine wave crosses the zero-voltage point. * **Benefit:** Minimizes Electromagnetic Interference (EMI) and reduces RFI noise, extending the life of the heating elements. #### C. Power Semiconductor (SCR/Triac) * **Type:** Usually utilizes back-to-back **SCRs (Silicon Controlled Rectifiers)**. * **Function:** The "muscle" of the unit that handles the heavy current flow to the industrial heater. --- ### 3. Technical Specifications Typical operational parameters for this class of device: | Feature | Specification | | :--- | :--- | | **Switching Type** | Zero-cross (Burst fire) | | **Mounting** | DIN-rail or Panel Mount | | **Heat Dissipation** | Integrated heat sink required for full rated current | | **Diagnostic LEDs** | Green (Input status) / Red (Fault/Output status) | | **Load Types** | Resistive loads (Heaters, Lamps) | --- ### 4. Application Logic The **W2AC-ACDD-R2** is most commonly used in thermal processing where precision is required. Unlike a mechanical relay that clicks open and closed (wearing out over time), this electronic part switches at high frequencies without physical wear, allowing for tighter temperature control (often used with PID controllers).
    ✨ Follow-up Questions
    • ⤷ What is the maximum amperage rating for the W2AC-ACDD-R2?
    • ⤷ How does zero-cross switching differ from phase-angle firing?
    • ⤷ What are the common failure modes for SCR-based power controllers?