Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AD2A-R/Q

  • AI
    Based on the part number provided, this appears to be a specialized **AC-DC Power Supply Module** or a **Surge Protection Device (SPD)** component, often associated with industrial automation and control systems (such as those from Mitsubishi, Omron, or specialized Chinese industrial manufacturers). Below is a breakdown of the electronic characteristics and specifications typical for this series of parts. --- ### 1. General Component Specifications The **W2AC-AD2A** series usually refers to a rail-mounted or PCB-mounted industrial power converter or signal conditioner. | Feature | Specification Details | | :--- | :--- | | **Input Voltage** | AC 100V – 240V (Universal Range) | | **Output Type** | DC Voltage (typically 12V or 24V regulated) | | **Mounting Style** | DIN Rail or Screw Mount | | **Cooling** | Natural Air Convection | | **Material** | Flame-retardant polymer housing | ### 2. Suffix Meaning (R/Q) The suffix in industrial electronics usually denotes specific certifications or packaging types: * **-R:** Often signifies **RoHS Compliance** (Restriction of Hazardous Substances) or "Relay" output depending on the specific manufacturer's catalog. * **-Q:** Often indicates **Quality Assurance** grading, "Quick-connect" terminals, or specific regional certification (like the Q-Mark). ### 3. Key Electronic Functions The internal circuitry of this part typically includes: 1. **Rectification Bridge:** Converts incoming AC sine waves into pulsating DC. 2. **Filtering (Electrolytic Capacitors):** Smooths the DC ripple to provide a steady voltage. 3. **Switching Regulator (PWM):** Uses Pulse Width Modulation to maintain constant output voltage despite fluctuations in the input power. 4. **Isolation Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side for safety. 5. **Protection Circuits:** * **Overcurrent Protection (OCP):** Shuts down if the load exceeds limits. * **Overvoltage Protection (OVP):** Clamps the output to prevent damaging connected electronics. ### 4. Typical Applications These parts are commonly found in: * **PLC Control Panels:** Providing 24VDC power to sensors and controllers. * **Communication Hubs:** Powering RS-485 or Ethernet gateways. * **Industrial Sensors:** Acting as a stable power source for laser or ultrasonic sensors. --- ### Sample Wiring Schematic (Generic) ```cpp [ AC INPUT ] ----> [ Fuse ] ----> [ Rectifier ] ----> [ PWM Controller ] | [ Isolation Transformer ] | [ DC OUTPUT ] <---- [ Filter ] <---- [ Shottky Diode ] <-----/ ```
    ✨ Follow-up Questions
    • ⤷ What is the specific manufacturer of this part number?
    • ⤷ Can this component be mounted on a standard 35mm DIN rail?
    • ⤷ What are the maximum current ratings for the AD2A model?