Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AD3A-R2/N

  • AI
    The **W2AC-AD3A-R2/N** is a specific model of an Industrial Panel PC or Industrial Monitor, typically associated with manufacturers like **Winmate**. These devices are engineered for rugged environments, such as factory floors, maritime applications, or outdoor kiosks. Below is a breakdown of the electronic components and technical specifications associated with this hardware series. --- ## 1. Core Technical Specifications The model nomenclature usually defines the screen size, processor generation, and environmental protections. | Feature | Specification | | :--- | :--- | | **Display Size** | 12.1-inch (indicated by '12' in the series) | | **Resolution** | 1024 x 768 (XGA) | | **Touch Technology** | Projective Capacitive (P-CAP) multi-touch or Resistive | | **Processor (CPU)** | Intel® Celeron® N2930 (Quad Core, 1.83 GHz) | | **Memory (RAM)** | 1 x SO-DIMM, DDR3L 1600 MHz (typically 4GB, up to 8GB) | | **Storage** | mSATA SSD (capacities vary by configuration) | | **Operating Voltage** | 12V DC (with wide range 9-36V options) | --- ## 2. Key Electronic Assemblies ### A. The Motherboard (Single Board Computer) The "brain" of the unit is an industrial-grade SBC designed for 24/7 operation. Unlike consumer PCs, it uses **solid capacitors** to withstand higher heat and has a fanless design to prevent dust intake. ### B. Display and Backlight Inverter * **LCD Panel:** High-contrast industrial panel with wide viewing angles. * **LED Driver:** Manages the power to the backlight. The "AD" in the model often signifies high-brightness options or specific power adapter configurations. ### C. Connectivity Interfaces (I/O) The electronic board supports various industrial communication protocols: * **Serial Ports:** RS232/422/485 (Common for PLC communication). * **LAN:** Dual Gigabit Ethernet ports (Intel I210-AT). * **USB:** USB 3.0 and USB 2.0 ports. * **Video Out:** HDMI or VGA for secondary displays. ### D. Enclosure and Protection * **IP Rating:** Usually IP65 rated front bezel (water and dust resistant). * **Chassis:** Aluminum or stainless steel to act as a heat sink for the fanless CPU. --- ## 3. Power Management Components The device includes an internal power regulation circuit to protect against common industrial electrical issues: * **Reverse Polarity Protection:** Prevents damage if DC wires are swapped. * **Over-Voltage Protection (OVP):** Shuts down or clamps if voltage spikes occur. * **Isolation:** Some variants include optical isolation for the I/O ports to prevent ground loops. --- ## 4. Code Example: Basic Linux GPIO Check If you are running a Linux-based OS on this hardware to interact with its industrial pins, you might use a simple shell script to check status: ```bash # Check if GPIO export is available for industrial triggers if [ -d /sys/class/gpio ]; then echo "GPIO Interface detected on W2AC-AD3A" # Example: Exporting a pin (Pin number varies by BIOS config) # echo "24" > /sys/class/gpio/export fi ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting options for the W2AC series (VESA vs Panel Mount)?
    • ⤷ How do I update the BIOS on this specific Winmate model?
    • ⤷ Does this model support 4G/LTE expansion via the internal mini-PCIe slot?