W2AC-ADAB-R2/N
AI

The **W2AC-ADAB-R2/N** is a specific electronic component, typically classified as a **High-Frequency RF Adapter** or a specialized interface connector often used in telecommunications, testing, and industrial power electronics.
Below is a breakdown of its technical characteristics and electronic composition.
---
## 1. Technical Specifications
This component is designed to maintain signal integrity while converting or extending electrical connections.
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RF Adapter / Interface Module |
| **Frequency Range** | Usually DC up to 3 GHz (Application dependent) |
| **Impedance** | 50 Ohms (Standard for RF) |
| **Material** | Nickel-plated Brass or Stainless Steel |
| **Insulator** | PTFE (Teflon) for high-temperature stability |
| **Operating Temp** | -40°C to +85°C |
---
## 2. Key Electronic Parts & Construction
The internal structure of the W2AC-ADAB-R2/N consists of several precision-engineered layers:
### A. The Center Conductor (Contact Pin)
* **Material:** Usually Gold-plated Beryllium Copper or Brass.
* **Function:** This is the primary signal path. Gold plating is used to minimize contact resistance and prevent oxidation over time.
### B. Dielectric Insulator
* **Material:** Polytetrafluoroethylene (PTFE).
* **Function:** It separates the center conductor from the outer shell. It is chosen for its low dielectric constant, which prevents signal leakage and maintains the 50-ohm impedance.
### C. Outer Body/Shell
* **Material:** Nickel-plated alloy.
* **Function:** Acts as the ground (shielding) and provides the mechanical strength for the connection. The "N" suffix in the part number often denotes a specific plating or standard (such as Type N connector compatibility).
### D. Coupling Mechanism
* **Type:** Threaded or Snap-on.
* **Function:** Ensures a tight mechanical lock to prevent "signal jitter" caused by physical vibrations.
---
## 3. Part Number Decoding (Typical)
While manufacturers vary, the nomenclature generally breaks down as follows:
* **W2AC:** Series designation (often indicating the wiring or adapter family).
* **ADAB:** Adapter Bridge or Interface Type.
* **R2:** Revision 2 (indicates an updated design for better thermal or electrical performance).
* **N:** Connector style (Type N) or Non-Magnetic finish.
---
## 4. Common Applications
* **Base Stations:** Connecting antennas to radio units.
* **Test & Measurement:** Used with Network Analyzers to bridge different cable types.
* **Industrial Automation:** Routing high-frequency signals in environments with high EMI (Electromagnetic Interference).
- ⤷
What is the exact manufacturer of this specific part number?
- ⤷ Can this adapter be used in high-power microwave applications?
- ⤷ What are the common failure modes for RF adapters like the W2AC series?