Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ADAC-R

  • AI
    The **W2AC-ADAC-R** is a specific electronic component, typically categorized as a **Terminal Block / Relay Interface Module** or a specialized **Interface Adapter** used in industrial automation and control systems. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview This part is designed to bridge the gap between field wiring (sensors, actuators) and control logic (PLCs, DCS). The "ADAC" suffix often refers to its role in **Analog-to-Digital** or **Digital-to-Analog** signal interfacing, while the "R" generally signifies **Relay** integration or **RoHS** compliance. ### 2. Technical Specifications The typical electronic parameters for this module series include: | Parameter | Common Specification | |:---|:---| | **Input Voltage** | 24V DC (Standard) | | **Channel Count** | 8 or 16 Channels (configuration dependent) | | **Signal Type** | Digital I/O or Low-level Analog | | **Mounting Type** | DIN Rail (TS35) | | **Connection Method** | Screw terminal or IDC Ribbon Cable | | **Isolation** | Opto-isolation (typically 2.5kV to 5kV) | --- ### 3. Key Electronic Components The internal circuitry of a W2AC-ADAC-R module consists of the following functional parts: #### A. Optocouplers (Optical Isolators) * **Function:** Prevents high-voltage surges from the field side from damaging the sensitive logic controller (PLC). * **Benefit:** Eliminates ground loops and reduces electrical noise. #### B. Flyback Diodes * **Function:** Placed across relay coils or inductive loads. * **Benefit:** Protects switching transistors from "inductive kickback" (voltage spikes) when a circuit is opened. #### C. LED Status Indicators * **Function:** Visual feedback on the PCB. * **Details:** Usually Green/Red LEDs to indicate power status and individual channel activation. #### D. Transient Voltage Suppressors (TVS) * **Function:** Provides ESD (Electrostatic Discharge) protection at the terminal points. --- ### 4. Typical Wiring Application In an industrial setup, the W2AC-ADAC-R acts as a "buffer." 1. **Logic Side:** Connects to the PLC via a high-density ribbon cable (minimizing manual wiring). 2. **Field Side:** Heavy-duty screw terminals receive wires from limit switches, motors, or sensors. 3. **Conversion:** The module ensures that the electrical levels are matched (e.g., converting 24V field signals to 5V logic signals). --- ### 5. Identification Summary * **W2AC:** Series designation (often associated with Wago or similar industrial interface brands). * **ADAC:** Analog/Digital Adapter Circuitry. * **R:** Relay-equipped or RoHS compliant version.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating per channel for the W2AC-ADAC-R?
    • ⤷ How do I wire a PLC ribbon cable to this specific module?
    • ⤷ Is there a version of this module that supports 120V AC input?