Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ADCA-R

  • AI
    The **W2AC-ADCA-R** is a specific electronic sub-assembly, typically categorized as a **Standard Filter Module** or an **EMI/RFI Power Line Filter**. These components are essential in power electronics to ensure electromagnetic compatibility (EMC). --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electrical characteristics: | Parameter | Specification | |:--- |:--- | | **Component Type** | AC Power Line Filter / EMI Filter | | **Current Rating** | Typically 2A - 5A (varies by specific load) | | **Voltage Rating** | 115V / 250V AC | | **Operating Frequency** | 50/60 Hz | | **Configuration** | Single Phase, Dual Stage (High Performance) | | **Termination Style** | Fast-on terminals or Solder Lugs | --- ### 2. Functional Electronic Components Inside a W2AC-ADCA-R module, several discrete electronic parts work together to suppress noise: #### A. Common Mode Choke (Inductors) The "heart" of the filter. It consists of two coils wound on a single ferrite core. It allows the supply current (differential mode) to pass through but provides high impedance to noise signals flowing in the same direction on both lines (common mode). #### B. X-Capacitors (Line-to-Line) These are metalized film capacitors connected across the AC lines. They are designed to "short out" high-frequency differential mode interference. #### C. Y-Capacitors (Line-to-Ground) These capacitors connect the AC lines to the chassis ground. They are critical for safety and are designed to bypass common-mode noise to the ground. #### D. Bleeder Resistor A high-resistance component connected in parallel with the X-capacitor. Its purpose is to discharge the stored energy in the capacitors once the power is disconnected, preventing electric shock to the user. --- ### 3. Application Use Cases This specific part is generally used in environments where "clean" power is required for sensitive electronics: 1. **Medical Equipment:** To prevent interference with sensitive monitoring sensors. 2. **Switching Power Supplies (SMPS):** To block the high-frequency switching noise from leaking back into the public grid. 3. **Industrial Automation:** Protecting PLCs and controllers from industrial electrical noise. --- ### 4. Circuit Diagram Representation In a simplified schematic, the W2AC-ADCA-R follows this logical flow: ```text [Line] ----(L1)----[X-Cap]----(L2)---- [Load] | | | [Y-Cap] [Res] [Y-Cap] | | | [GND] -------+----------+----------+--------- ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between single-stage and dual-stage filters like the ADCA series?
    • ⤷ How do I calculate the leakage current for this filter module?
    • ⤷ Can this filter be used in DC applications instead of AC?