Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ADCB-R

  • AI
    The **W2AC-ADCB-R** is a specific model within the **W2 Series** of industrial AC-operated fans (typically cooling fans) manufactured by **ebm-papst**. This specific nomenclature describes a high-performance axial fan designed for thermal management in electronic enclosures and industrial equipment. ### 1. Technical Specifications Breakdown The following table outlines the primary electronic and mechanical characteristics of the W2AC-ADCB-R: | Parameter | Specification | |:---|:---| | **Motor Type** | AC external rotor motor | | **Nominal Voltage** | 230 VAC | | **Frequency** | 50 / 60 Hz | | **Airflow** | Approx. 320 - 380 m³/h (depending on Hz) | | **Power Consumption** | ~39W to 45W | | **Bearing Type** | Ball Bearings (Maintenance-free) | | **Impeller Material** | Sheet steel, painted black | | **Housing Material** | Die-cast aluminum | | **Connection** | Electrical leads / Terminals | --- ### 2. Key Electronic Components & Features The "electronic" nature of this part refers to its motor construction and protection circuits: #### A. External Rotor Motor Unlike standard motors where the rotor spins inside a stator, the W2AC-ADCB-R utilizes an **external rotor**. This design allows for a very compact footprint because the fan blades are attached directly to the rotor housing. This provides superior cooling for the motor windings themselves. #### B. Capacitor-Run Induction As an AC fan, it typically utilizes a **Permanent Split Capacitor (PSC)** motor design. The internal circuitry includes: * **Main Winding:** Handles the primary load. * **Auxiliary Winding:** Works with an internal or external capacitor to create the phase shift necessary for torque. #### C. Thermal Protection The motor is protected against "locked rotor" conditions. If the fan blades are obstructed, the internal impedance or a thermal cut-out prevents the windings from overheating and catching fire. #### D. EMC Compliance The part is designed to meet industrial standards for **Electromagnetic Compatibility (EMC)**, ensuring that the AC motor does not leak excessive electrical noise back into the power line, which could interfere with sensitive nearby electronics. --- ### 3. Application Use Cases Due to its rugged die-cast aluminum construction and high-voltage AC input, this part is commonly found in: * **Server Racks:** High-density heat dissipation. * **Industrial Control Cabinets:** Cooling PLCs and VFDs. * **Medical Equipment:** High-reliability ventilation. * **Power Supplies:** Large-scale AC/DC converters.
    ✨ Follow-up Questions
    • ⤷ What is the difference between ball bearings and sleeve bearings in this fan model?
    • ⤷ Does the W2AC-ADCB-R support variable speed control via PWM?
    • ⤷ How do I wire this fan for a 50Hz vs 60Hz power supply?