Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ADCB-R2/Q

  • AI
    The **W2AC-ADCB-R2/Q** is a specialized electronic component, typically classified as a high-performance **Oscillator** or **Clock Generator** module. These parts are often used in telecommunications, networking, and high-speed data processing applications. Below is a breakdown of its technical characteristics and electronic composition. --- ### 1. Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Crystal Oscillator / Frequency Control | | **Package Style** | Surface Mount Device (SMD) | | **Output Type** | Typically LVPECL, LVDS, or CMOS (depending on specific logic) | | **Input Voltage** | Generally 2.5V or 3.3V DC | | **Frequency Stability** | High precision (measured in Parts Per Million - PPM) | --- ### 2. Internal Electronic Architecture The device is composed of several critical sub-sections that work together to provide a stable timing signal: * **Quartz Crystal Resonator:** The heart of the part, providing the mechanical resonance required for frequency generation. * **Buffer/Driver IC:** This internal integrated circuit takes the raw oscillation and amplifies it to meet the required logic levels (e.g., ADCB logic variations) while ensuring low jitter. * **Decoupling Capacitors:** Small internal capacitors are often integrated to filter power supply noise, ensuring the signal remains "clean." * **Voltage Regulator (Internal):** In some "R2" revisions, internal LDOs (Low Drop-Out regulators) are used to stabilize the internal voltage against external fluctuations. --- ### 3. Part Number Decoding (Typical Industry Format) While manufacturer codes vary, the suffixing usually indicates specific electronic tolerances: * **W2AC:** The series designation (High-speed timing series). * **ADCB:** Denotes the specific frequency range and the logic output type (e.g., Differential signals). * **R2:** Revision 2, indicating an updated internal circuitry for better thermal management or lower power consumption. * **Q:** Often stands for **Automotive Grade** (AEC-Q100/Q200) or a specific Quality testing standard, meaning it can withstand higher temperatures and vibrations. --- ### 4. Typical Applications 1. **Network Switches:** Providing the "heartbeat" for 10G/40G Ethernet ports. 2. **FPGA Clocking:** Serving as the reference clock for field-programmable gate arrays. 3. **Medical Imaging:** Used in high-speed data acquisition where timing precision is vital for image clarity.
    ✨ Follow-up Questions
    • ⤷ What is the specific output frequency for the ADCB logic variant?
    • ⤷ Is this part AEC-Q100 certified for automotive use?
    • ⤷ What are the recommended footprint dimensions for PCB soldering?