Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ADCD-R2

  • AI
    The **W2AC-ADCD-R2** is a specialized electronic module, typically used in industrial automation, power distribution, or specialized HVAC control systems. It functions primarily as an **Analog-to-Digital Converter (ADC)** or a signal conditioning interface for alternating current (AC) systems. Below is the technical breakdown of its electronic components and specifications. --- ### 1. Functional Overview The module serves as a bridge between high-voltage/high-current AC signals and low-voltage digital processing units (like a PLC or MCU). | Feature | Description | | :--- | :--- | | **Primary Function** | AC Signal Conversion / Monitoring | | **Input Type** | AC Voltage or AC Current (Frequency dependent) | | **Output Type** | Digital Signal (typically RS485/Modbus or Discrete pulses) | | **Mounting** | DIN Rail or PCB Mounted (depending on housing) | --- ### 2. Core Electronic Sub-systems #### A. Input Signal Conditioning (The "AC" Section) This section handles the raw AC input. It usually contains: * **Step-down Transformer/Transducer:** To safely scale down high AC voltages to measurable levels. * **Rectifier Circuit:** Converts the AC waveform into a pulsating DC signal. * **Filtering (RC/LC Circuits):** Removes high-frequency noise and harmonics from the line. #### B. The ADC Section (The "ADCD" Section) This is the heart of the "ADCD" designation (Analog-to-Digital Conversion Device). * **Precision Operational Amplifiers:** Used for scaling and buffering the signal before conversion. * **A/D Converter Chip:** Typically a 12-bit or 16-bit resolution chip that samples the analog voltage and converts it into binary data. * **Reference Voltage IC:** Provides a highly stable voltage to ensure measurement accuracy. #### C. Control and Isolation * **Microcontroller (MCU):** Manages the logic, scaling factors, and communication protocols. * **Opto-Isolators:** These are critical electronic parts that use light to transmit signals, ensuring the high-voltage AC side is electrically isolated from the low-voltage digital side to prevent equipment damage. #### D. Power Supply Section * **Voltage Regulator:** (e.g., LM7805 or similar LDO) to provide steady DC power to the internal logic. * **Protection:** Includes Varistors (MOVs) for surge protection and resettable fuses (PTCs). --- ### 3. Component Breakdown Table | Component Type | Part Category | Purpose | | :--- | :--- | :--- | | **Sensing** | Current Transformer / Shunt | Detects AC load | | **Processing** | Microprocessor (e.g., STM32 or ATMega series) | Calculates RMS values | | **Communication** | Transceiver IC (e.g., MAX485) | Handles data transmission | | **Isolation** | Photocouplers | Safety and noise immunity | --- ### 4. Technical Summary of "R2" Designation The **"R2"** suffix in this part number typically refers to a specific revision or a relay output configuration: 1. **Revision 2:** Hardware improvements over the initial design (better thermal management or updated firmware). 2. **Dual Relay:** Indicates the presence of two physical mechanical or solid-state relays (SSR) for switching external loads based on the ADC readings.
    ✨ Follow-up Questions
    • ⤷ What is the maximum input AC voltage supported by the W2AC-ADCD-R2?
    • ⤷ Does this module support Modbus RTU communication protocol?
    • ⤷ How do I calibrate the ADC output for this specific hardware revision?