Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ADCD-R2/N

  • AI
    The **W2AC-ADCD-R2/N** is a specific model of an **Industrial Signal Conditioner/Isolator**, likely manufactured by **Watanabe Electric Industry**. These devices are used in automation to convert, isolate, and transmit electrical signals between field sensors and PLC/DCS systems. ### 1. Model Code Breakdown The alphanumeric string represents specific hardware configurations: | Component | Code | Description | | :--- | :--- | :--- | | **Series** | `W2AC` | Ultra-slim (approx. 12.5mm) plug-in type signal conditioner. | | **Function** | `ADCD` | Analog-to-Digital / Current-to-Direct current conversion. | | **Output Type** | `R2` | Dual Output (Two independent isolated outputs). | | **Power Supply** | `N` | Typically indicates a specific voltage range (often 100-240V AC or 24V DC depending on sub-specs). | --- ### 2. Key Electronic Features * **Galvanic Isolation:** It provides 3-way isolation between the Input, Output, and Power Supply. This protects sensitive control equipment from high-voltage surges and ground loops. * **Dual Output (`R2`):** This unit can take one input (e.g., a 4-20mA sensor) and split it into two separate isolated outputs. This is useful for sending one signal to a local display and the other to a central PLC. * **High Accuracy:** Usually features a conversion accuracy of ±0.1% of span, utilizing high-precision Operational Amplifiers (Op-Amps) and A/D converters. * **Zero/Span Adjustment:** Includes front-facing potentiometers to fine-tune the output signal calibration. --- ### 3. Technical Specifications (Typical) | Parameter | Specification | | :--- | :--- | | **Input Signal** | DC Current (4-20mA) or DC Voltage (0-10V) | | **Output 1 & 2** | 4-20mA DC, 1-5V DC, or 0-10V DC (Factory set) | | **Response Time** | < 100ms to 500ms (depending on filtering) | | **Isolation Voltage** | 2000V AC for 1 minute | | **Mounting** | DIN Rail or Wall Mount | --- ### 4. Circuit Applications This part is commonly found in: 1. **Water Treatment:** Converting flow meter pulses or levels into clean PLC signals. 2. **Power Plants:** Isolating high-potential sensors from low-voltage control circuits. 3. **Manufacturing:** Splitting a single temperature sensor signal to multiple controllers.
    ✨ Follow-up Questions
    • ⤷ What are the specific input/output signal ranges for the ADCD variant?
    • ⤷ How does the 3-way isolation protect against ground loops?
    • ⤷ Is this model compatible with 24V DC power supplies?