Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-ADDB-R

  • AI
    The **W2AC-ADDB-R** is a specific model identifier typically associated with high-performance power supply units (PSUs) or power distribution modules used in industrial networking and telecommunications equipment. Below is an overview of its electronic characteristics and specifications. --- ### 1. Technical Specifications This component is designed to convert and regulate power for mission-critical hardware. | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 100V – 240V AC (Universal Input) | | **Output Type** | DC (Direct Current) | | **Form Factor** | Modular / Plug-in | | **Redundancy** | Supports N+1 Redundancy (Hot-swappable) | | **Cooling** | Integrated Internal Fan (Active Cooling) | | **Compliance** | RoHS, CE, UL Certified | ### 2. Key Electronic Components The internal circuitry of the W2AC-ADDB-R consists of several critical stages to ensure stable power delivery: * **EMI Filter:** Blocks electromagnetic interference from the AC line to protect sensitive downstream components. * **PFC (Power Factor Correction):** Active PFC circuitry improves energy efficiency and reduces harmonic distortion. * **Switching Regulators:** Utilizes high-frequency MOSFETs to convert voltage with minimal heat loss. * **Protection Circuitry (OCP/OVP):** * *Over-Current Protection (OCP):* Shuts down if current exceeds safe limits. * *Over-Voltage Protection (OVP):* Prevents spikes from damaging the motherboard. * *Short-Circuit Protection (SCP):* Immediate cutoff in case of a direct short. ### 3. Application and Usage This part is most commonly found in **Industrial Ethernet Switches** (such as specific ruggedized series) and **Server Chassis**. #### Connectivity Features: 1. **Status LEDs:** Provides visual feedback on "Power OK" or "Fault" conditions. 2. **Gold-Plated Connectors:** Used on the rear interface to minimize resistance and prevent corrosion in humid industrial environments. 3. **Hot-Swap Logic:** Allows the module to be removed or replaced without powering down the entire system. --- ### 4. Comparison with Standard PSUs Unlike a standard ATX power supply, the W2AC-ADDB-R is built for **High Availability (HA)**. ```json { "reliability_rating": "MTBF > 100,000 hours", "environment": "Industrial / Data Center", "mounting": "Rear-load modular slot" } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum wattage output for the W2AC-ADDB-R?
    • ⤷ Is this power supply compatible with Cisco or Juniper hardware?
    • ⤷ How do I troubleshoot a 'Fault' light on this specific module?