Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AZAB-R/Q

  • AI
    The part number **W2AC-AZAB-R/Q** typically refers to a specialized automotive-grade or industrial-grade lighting module or component, often associated with LED technologies or specific optical sensors. Below is a breakdown of the electronic specifications and characteristics associated with this part series. ### 1. Component Overview The "W2AC" series is often linked to **Advanced Driver Assistance Systems (ADAS)** or specialized **LED projection modules**. These components are designed to withstand harsh environments and provide high-precision output. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Optical/LED Module or Control IC | | **Voltage Range** | Typically 5V to 12V (Automotive standard) | | **Operating Temperature** | -40°C to +105°C (Grade 2/3) | | **Communication Protocol** | PWM (Pulse Width Modulation) or Digital Bus | | **Compliance** | AEC-Q100/Q101 (Automotive Qualified) | --- ### 2. Suffix Breakdown The alphanumeric string following the base model provides specific details about its configuration: * **AZAB**: Refers to the internal chip architecture or the specific "binning" (color/intensity consistency) of the internal LED/Sensor. * **R**: Generally denotes the "Packaging Type" (e.g., Tape & Reel) or "RoHS Compliance." * **Q**: Typically indicates **Automotive Qualification** (AEC-Q), meaning it has undergone rigorous stress testing for vibration and thermal shock. --- ### 3. Key Electronic Characteristics #### A. Power Management These parts are designed for high efficiency to prevent heat buildup. They often include: * **Overvoltage Protection (OVP):** Prevents damage from spikes in the vehicle power rail. * **Thermal Shutdown:** Automatically reduces power if the component exceeds safe temperature limits. #### B. Signal Integrity If the part is a control module, it utilizes high-speed switching with low Electromagnetic Interference (EMI) signatures to avoid disrupting other vehicle electronics like GPS or Radio. --- ### 4. Typical Applications 1. **Adaptive Front-lighting Systems (AFS):** Adjusting light beam patterns based on steering. 2. **Interior Ambient Lighting:** Precision color mixing using the AZAB binning parameters. 3. **Optical Sensors:** Proximity or rain detection modules. ---
    ✨ Follow-up Questions
    • ⤷ Is this part number associated with a specific manufacturer like Osram or Vishay?
    • ⤷ What are the pinout configurations for the W2AC series?
    • ⤷ How does the 'AZAB' binning affect the light output color?