Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AZAD-R2

  • AI
    The **W2AC-AZAD-R2** is a specific model within the series of high-performance industrial AC axial fans, typically manufactured by companies like **Sanyo Denki** (San Ace line) or similar specialized thermal management providers. Below is an explanation of its electronic components, specifications, and architecture. --- ## 1. Technical Specifications The "W2AC" series usually denotes a specific frame size and voltage configuration. Here is a breakdown of the typical electronic parameters for this model: | Parameter | Specification (Typical) | |:---|:---| | **Input Voltage** | 100V - 230V AC (Model dependent) | | **Frequency** | 50 / 60 Hz | | **Bearing Type** | Dual Ball Bearing | | **Motor Type** | Shaded Pole or Capacitor-run Induction Motor | | **Termination** | Lead Wires or Terminals | | **Protection** | Impedance Protected or Thermal Protected | --- ## 2. Key Electronic Components ### A. The Stator and Windings The core of the W2AC-AZAD-R2 is an electromagnetic stator. - **Copper Coils:** High-purity copper windings create the magnetic field necessary to rotate the permanent magnet rotor. - **Insulation:** Class B or Class F insulation is used to ensure the electronics do not short-circuit under high thermal stress. ### B. Integrated Protection Circuitry Unlike DC fans which use PCB-based controllers, these AC fans often rely on physical electronic safeguards: - **Impedance Protection:** The motor is designed so that if the fan blade is locked, the resistance (impedance) of the windings prevents the current from rising to a level that would cause a fire. - **Thermal Cut-off:** Some variants include a thermal fuse that breaks the circuit if the internal temperature exceeds a safe threshold. ### C. Ball Bearing System While mechanical, the dual ball bearing system is critical for electronic longevity. It reduces friction, preventing the motor from drawing excessive current due to mechanical drag, which protects the windings from premature burnout. ### D. Housing and Grounding - **Frame:** Usually made of die-cast aluminum which acts as a heat sink for the motor electronics. - **Grounding Point:** Includes a dedicated terminal to prevent Electrostatic Discharge (ESD) and ensure user safety against high-voltage leakage. --- ## 3. Application Use Cases Because of its robust electronic design, the W2AC-AZAD-R2 is commonly found in: 1. **Server Racks:** High-volume air displacement. 2. **Industrial Control Panels:** Cooling PLCs and power supplies. 3. **Medical Equipment:** Where high reliability and low failure rates are mandatory. ---
    ✨ Follow-up Questions
    • ⤷ What are the wiring color codes for the W2AC-AZAD-R2?
    • ⤷ How does impedance protection differ from thermal protection in AC fans?
    • ⤷ What is the expected lifespan (MTBF) of this specific fan model?