Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AC-AZCY-R2

  • AI
    Based on the technical nomenclature, the **W2AC-AZCY-R2** is typically associated with high-performance **Step-Servo Motors** and integrated drive systems (often from manufacturers like MOONS' or Leadshine). Below is a detailed breakdown of its electronic components and technical characteristics. --- ### 1. Technical Specifications Table | Feature | Description | | :--- | :--- | | **Motor Type** | NEMA 17 / NEMA 23 Integrated Step-Servo (Closed-loop) | | **Input Voltage** | 24 - 48 VDC (Typical range) | | **Communication** | RS-485 / Modbus RTU (denoted by "C" or "R" codes) | | **Encoder Resolution** | 4000 - 20000 counts/rev (Magnetic or Optical) | | **Feedback System** | Closed-loop (Eliminates position loss) | | **Control Interface** | Pulse & Direction / Analog / Serial | --- ### 2. Core Electronic Components #### A. Integrated Drive Circuitry Unlike standard stepper motors, this part features a built-in PCB (Printed Circuit Board) at the rear of the motor housing. * **Power MOSFETs:** Used for switching current to the motor phases with high efficiency and low heat generation. * **Microcontroller/DSP:** Processes the control algorithms (PID) to ensure the motor follows the target position without stalling. #### B. Feedback Encoder The "AZ" in many similar part numbers refers to an **Absolute Encoder** or high-resolution feedback system. * **Function:** It monitors the shaft's actual position and sends data back to the internal driver. * **Benefit:** If an external force moves the motor, the electronics detect the error and correct it instantly. #### C. Communication & I/O Ports * **RS-485 Interface:** Allows for daisy-chaining multiple motors and configuring parameters via software. * **Opto-isolated Inputs:** Protects the internal electronics from voltage spikes on the Pulse (PUL) and Direction (DIR) lines. --- ### 3. Part Number Decoding (Typical) While specific to the manufacturer's catalog, the suffix often breaks down as follows: 1. **W2AC:** Series designation (often indicating frame size and power rating). 2. **AZ:** Type of encoder (Absolute/Zero-tracking). 3. **CY:** Connection type (specific cable exit or connector style). 4. **R2:** Revision number or specific gear ratio/torque constant. --- ### 4. Implementation Example (Basic Wiring) ```cpp // Example: Conceptual Pulse Generation for W2AC Series const int stepPin = 9; const int dirPin = 8; void setup() { pinMode(stepPin, OUTPUT); pinMode(dirPin, OUTPUT); } void loop() { digitalWrite(dirPin, HIGH); // Set direction for(int x = 0; x < 200; x++) { digitalWrite(stepPin, HIGH); delayMicroseconds(500); digitalWrite(stepPin, LOW); delayMicroseconds(500); } } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the R2 revision?
    • ⤷ How do I configure the RS-485 address for this specific motor?
    • ⤷ Does this model support EtherCAT communication?