Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-31Y-R

  • AI
    The **W2AP-31Y-R** is an electronic component commonly categorized under **Electromechanical Switches**, specifically as a **Sealed Toggle Switch** or an **Industrial Rocker/Toggle variant** often produced by manufacturers like *NKK Switches* or similar specialty providers. --- ### 1. Technical Specifications Below are the typical technical parameters for the W2 series components: | Parameter | Value / Specification | | :--- | :--- | | **Switch Type** | Toggle / Rocker (depending on specific housing) | | **Circuit Configuration** | SPDT (Single Pole Double Throw) | | **Switch Function** | ON - ON (Alternative Action) | | **Current Rating** | ~1A to 5A (depending on voltage) | | **Voltage Rating (AC/DC)** | 125V AC / 30V DC | | **Mounting Type** | PCB Mount / Through-Hole | | **Termination Style** | PC Terminals / Solder Pins | --- ### 2. Key Electronic Features * **Sealed Construction:** The "W" in many series designations implies a **Waterproof/Washable** design. The internal contacts are protected by an epoxy seal or a rubber boot, making it resistant to dust and moisture ingress. * **Gold or Silver Contacts:** Depending on the exact sub-variant, these parts often use gold-plated contacts to ensure high reliability in low-energy logic-level circuits, preventing oxidation. * **Actuator Design:** The "31Y" segment often refers to the physical dimensions of the lever or rocker and the color (R typically stands for **Red**). * **Contact Mechanism:** It utilizes a "Snap-action" or "Sliding" contact mechanism which ensures a crisp tactile response and reduces electrical arcing during switching. --- ### 3. Application Use Cases The W2AP-31Y-R is designed for environments where durability and protection are required: 1. **Medical Equipment:** Due to its washable nature, it can withstand cleaning agents. 2. **Industrial Controls:** Used in panels where dust or oil splashes are common. 3. **Communication Devices:** High-reliability switching for signal routing. 4. **Handheld Instruments:** Small footprint suitable for portable PCB-based devices. --- ### 4. Schematic Representation The SPDT logic for this part can be represented as follows: ```mermaid graph LR A[Terminal 2 - Common] --- B(Terminal 1 - ON) A --- C(Terminal 3 - ON) ```
    ✨ Follow-up Questions
    • ⤷What are the specific environmental IP ratings for the W2AP series?
    • ⤷ Is there a surface-mount (SMD) version of the W2AP-31Y-R?
    • ⤷ What is the mechanical life expectancy in cycles for this switch?