Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-31Y-R/N

  • AI
    The **W2AP-31Y-R/N** belongs to a specific category of industrial indicators, typically recognized as a **monolithic LED pilot light** or signal indicator, often manufactured by brands like **IDEC** or similar industrial component providers. Below is a detailed breakdown of its electronic and mechanical specifications. --- ### 1. Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Component Type** | LED Pilot Light / Indicator | | **Input Voltage** | 24V AC/DC (Standard for the '31' series) | | **Light Source** | Integrated High-Brightness LED | | **Lens Color** | Yellow (indicated by 'Y') | | **Bezel Shape** | Round | | **Mounting Hole Size** | 22mm (Standard Industrial size) | | **Terminal Type** | Screw Terminals (indicated by 'R/N' variants) | | **Protection Rating** | IP65 (Waterproof/Dustproof from the front) | --- ### 2. Part Number Breakdown Understanding the nomenclature helps identify the internal electronic characteristics: * **W2AP**: The series designation, representing the physical form factor (22mm Ø). * **31**: The voltage code. In this specific series, `31` usually signifies **24V AC/DC** operation. * **Y**: The color of the LED and lens (**Yellow**). * **R/N**: Refers to the internal wiring or terminal style (often indicating **Removable** or **Standard** screw connection). --- ### 3. Electronic Characteristics #### A. Power Consumption Unlike traditional incandescent bulbs, the LED inside the W2AP-31Y is highly efficient. It typically draws between **10mA to 20mA**. This low current draw allows it to be driven directly by PLC (Programmable Logic Controller) outputs without the need for interposing relays. #### B. Integrated Circuitry Inside the housing, the unit contains: 1. **Current Limiting Resistor:** Prevents the LED from burning out at the rated 24V. 2. **Rectifier Bridge:** Allows the device to operate on both Alternating Current (AC) and Direct Current (DC) regardless of polarity. 3. **Reverse Polarity Protection:** Protects the internal diode if wired incorrectly. #### C. Lifecycle and Reliability * **Operational Life:** Rated for approximately **50,000 to 100,000 hours**, significantly outlasting filament-based lamps. * **Vibration Resistance:** Solid-state components make it ideal for machinery that generates constant vibration. --- ### 4. Typical Applications * **Control Panels:** To indicate the status of a specific process (e.g., "Warning" or "Standby"). * **Safety Interlocks:** Visual feedback for gate positions or emergency stops. * **PLC Monitoring:** Direct feedback from automated logic systems.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2AP series?
    • ⤷ Is there a 110V AC version available in the same 22mm footprint?
    • ⤷ Can the lens be replaced independently of the LED module?