Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-31Y-R2

  • AI
    Based on the model number provided, the **W2AP-31Y-R2** is a specific variant of an industrial-grade **Ethernet-to-Serial Device Server** (often associated with brands like Advantech or similar industrial networking manufacturers). These devices are designed to bridge legacy serial communication protocols (RS-232/422/485) with modern Ethernet networks. --- ### 1. Key Electronic Components & Specifications The hardware architecture of the W2AP-31Y-R2 typically includes the following core electronic subsystems: | Component Category | Description | Specifications | |:---|:---|:---| | **Processor** | ARM-based RISC Processor | Manages the TCP/IP stack and protocol conversion. | | **Ethernet Port** | RJ45 Connector | 10/100 Mbps Auto-sensing with 1.5KV Magnetic Isolation. | | **Serial Port** | DB9 or Terminal Block | Supports RS-232, RS-422, and RS-485 (Software selectable). | | **Memory** | SDRAM & Flash | Stores firmware and buffers data packets during high traffic. | | **Power Protection** | Surge & ESD Protection | Typically 15KV ESD protection for serial signals. | --- ### 2. Functional Electronic Blocks Inside the device, the circuitry is divided into specific functional blocks to ensure reliable data transmission in harsh environments: #### A. The Isolation Layer Industrial devices like the R2 revision often feature **galvanic isolation**. This prevents ground loops and protects the internal logic from high-voltage spikes on the serial line. #### B. Signal Converters (Transceivers) * **MAX3232 / SP3232 (or equivalent):** Converts the logic-level signals from the CPU to RS-232 voltage levels (+/- 12V). * **RS-485 Transceivers:** Features "Automatic Data Direction Control" (ADDC), which allows the hardware to sense when to switch between transmit and receive modes without software handshaking. #### C. Power Management The device usually accepts a wide range of DC input (typically **9V to 36V DC**). It utilizes switching regulators to step down the voltage to 3.3V or 5V for the internal ICs while maintaining high efficiency. --- ### 3. Pinout Configuration (Standard DB9) If the device utilizes a DB9 male connector for its serial interface, the electronic pinning is generally as follows: | Pin | RS-232 | RS-422 | RS-485 (2-wire) | |:---:|:---|:---|:---| | 1 | DCD | TX- | Data- | | 2 | RXD | TX+ | Data+ | | 3 | TXD | RX+ | - | | 4 | DTR | RX- | - | | 5 | GND | GND | GND | --- ### 4. Technical Use Case The **W2AP-31Y-R2** acts as a virtual COM port. Electronically, it encapsulates serial data packets into Ethernet frames (TCP or UDP) and decapsulates them at the destination, allowing a PC located kilometers away to control a serial device as if it were plugged directly into the motherboard.
    ✨ Follow-up Questions
    • ⤷ What is the maximum operating temperature for the W2AP-31Y-R2?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ How do I configure the RS-485 termination resistors on this hardware?