Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-31Y-R2/N

  • AI
    ## Technical Overview of W2AP-31Y-R2/N The **W2AP-31Y-R2/N** is a specific electronic component typically classified within the domain of **High-Frequency (RF) Connectors or Adapters**, often used in telecommunications and testing equipment. Below is a breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications | Feature | Description | | :--- | :--- | | **Component Type** | RF Coaxial Connector / Adapter | | **Impedance** | 50 Ohms (Standard for RF applications) | | **Frequency Range** | Typically DC up to 6 GHz (varies by specific mounting) | | **Interface Style** | Snap-on or Screw-on (Model specific) | | **Plating** | Nickel or Gold (for corrosion resistance and conductivity) | --- ### 2. Key Electronic Parts and Materials The performance of the W2AP-31Y-R2/N is defined by three primary internal segments: * **Center Contact (Conductor):** * **Material:** Usually Beryllium Copper or Brass. * **Function:** Carries the high-frequency signal with minimal loss. * **Insulator (Dielectric):** * **Material:** PTFE (Teflon). * **Function:** Provides a constant dielectric to maintain 50-ohm impedance and prevents arcing between the signal and ground. * **Outer Body (Shield):** * **Material:** Brass with Nickel or Suco-plate finishing. * **Function:** Acts as the ground and protects the signal from Electromagnetic Interference (EMI). --- ### 3. Application Use-Cases The "W2AP" series is frequently utilized in the following environments: 1. **Wireless Infrastructure:** Base stations and antenna arrays. 2. **Test & Measurement:** Connection points for oscilloscopes or signal generators. 3. **Automotive Electronics:** Smart vehicle communication modules where space and signal integrity are critical. --- ### 4. Part Number Breakdown (Typical) While nomenclature varies by manufacturer, the suffix codes generally indicate: * **31Y:** Mounting or orientation code (e.g., Right Angle vs. Straight). * **R2:** Revision 2 or a specific plating thickness. * **N:** Connector type (Often stands for Type-N or Nickel plating). ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power handling (Watts) for the W2AP-31Y-R2/N?
    • ⤷ Is this component compatible with standard RG-58 cables?
    • ⤷ What are the specific mounting requirements for this part on a PCB?