Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-32D-R

  • AI
    The **W2AP-32D-R** belongs to a specific family of high-performance **Fiber Optic Transceiver modules**, typically categorized under the SFP (Small Form-factor Pluggable) or customized optical assembly standards. These parts are integral to high-speed data communications and networking infrastructure. Below is a breakdown of the electronic components and technical specifications associated with this type of part. --- ### 1. Key Technical Specifications The "32D" usually signifies a specific data rate (e.g., 32G Fibre Channel) or a specific distance/wavelength characteristic. | Parameter | Typical Value / Description | | :--- | :--- | | **Form Factor** | SFP28 / SFP+ (Application dependent) | | **Data Rate** | Up to 28.05 Gbps or 32 Gbps (Fibre Channel) | | **Wavelength** | 850nm (Short Haul) or 1310nm (Long Haul) | | **Interface** | LC Duplex Optical Connector | | **Supply Voltage** | 3.3V (Standard) | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ### 2. Core Electronic Components An optical transceiver like the W2AP-32D-R is composed of several critical electronic sub-assemblies: #### A. The Optical Sub-Assemblies (OSA) * **TOSA (Transmitter Optical Sub-Assembly):** Contains the **Laser Diode** (often a VCSEL for short-range or DFB for long-range). It converts electrical signals from the host into light pulses. * **ROSA (Receiver Optical Sub-Assembly):** Contains a **Photodiode** (PIN or APD) and a **TIA (Transimpedance Amplifier)**. It converts incoming light pulses back into electrical currents. #### B. Integrated Circuits (ICs) * **Laser Driver:** Controls the TOSA, managing the bias current and modulation to ensure the laser operates within safe and efficient parameters. * **Limiting Amplifier:** Processes the signal from the ROSA to produce a clean digital output for the host system. * **EEPROM:** A small memory chip that stores identification data, serial numbers, and vendor information (used for "Vendor Match" compatibility in switches). #### C. DDM/DOM (Digital Diagnostic Monitoring) The "D" in many part numbers often refers to **Digital Diagnostics**. This circuitry allows the host system to monitor real-time parameters such as: * Transmitted Optical Power * Received Optical Power * Internal Temperature * Laser Bias Current * Supply Voltage --- ### 3. Application Circuit Example Internally, the electrical interface follows high-speed differential signaling (CML - Current Mode Logic). ```mermaid graph LR A[Host System/Switch] -- Differential Data In --> B[Laser Driver] B --> C[TOSA/Laser] D[ROSA/Photodiode] --> E[Transimpedance Amp] E -- Differential Data Out --> A F[Microcontroller/EEPROM] -- I2C Bus --> A ``` --- ### 4. Typical Usage * **Storage Area Networks (SAN):** Connecting servers to high-speed storage arrays. * **Data Centers:** High-density switching and routing. * **Telecommunications:** Aggregation layers in fiber optic networks.
    ✨ Follow-up Questions
    • ⤷ What is the exact data rate and wavelength for the W2AP-32D-R?
    • ⤷ Is this module compatible with Cisco or Juniper hardware standards?
    • ⤷ Does this part support hot-swapping during operation?