Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-32D-R2

  • AI
    The **W2AP-32D-R2** is a high-performance industrial wireless access point module, typically integrated into automation systems or ruggedized networking equipment. It is designed for reliable data transmission in harsh environments. --- ### 1. Core Technical Specifications The electronics of the W2AP-32D-R2 are characterized by high-speed processing and robust RF (Radio Frequency) design. | Parameter | Specification | | :--- | :--- | | **Form Factor** | Embedded Mini-PCIe or Proprietary Module | | **Wireless Standard** | IEEE 802.11a/b/g/n/ac (Dual Band) | | **Frequency Range** | 2.4 GHz and 5 GHz | | **Data Rate** | Up to 867 Mbps (MIMO 2x2) | | **Operating Voltage** | 3.3V DC (Typical for embedded modules) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | --- ### 2. Key Electronic Components The internal circuitry consists of several critical stages to manage power, data, and radio signals: #### A. Chipset Architecture * **Baseband Processor:** Usually based on a Qualcomm or Atheros SoC (System on Chip). It handles the MAC (Media Access Control) layer and data packet processing. * **Radio Transceiver:** Converts digital data into analog RF signals. It supports **MIMO (Multiple Input, Multiple Output)** technology to increase throughput using multiple antennas. #### B. RF Front-End * **Power Amplifiers (PA):** Increases the signal strength for long-distance transmission. * **Low Noise Amplifiers (LNA):** Boosts weak incoming signals while keeping background noise to a minimum. * **Diplexers/Filters:** Used to separate 2.4GHz and 5GHz signals and filter out interference from other electronic devices. #### C. Connectivity & Interface * **Antenna Connectors:** Usually equipped with **I-PEX (U.FL)** or **MMCX** connectors for external antenna attachment. * **Host Interface:** Uses a **Mini-PCIe** or **M.2** interface to communicate with the main industrial PC or controller. --- ### 3. Physical Layout & Durability The W2AP-32D-R2 is engineered for "Industrial Grade" reliability, meaning its electronic parts are chosen for longevity: * **ESD Protection:** Integrated circuits (ICs) are protected against Electrostatic Discharge. * **Thermal Management:** The PCB (Printed Circuit Board) often features large copper planes or heat sinks to dissipate heat during high-speed data transfers. * **Solid-State Components:** No moving parts; uses high-quality ceramic capacitors to avoid the drying-out issues associated with electrolytic capacitors. --- ### 4. Typical Applications Because of its electronic robustness, this part is found in: 1. **AGVs (Automated Guided Vehicles):** For real-time navigation and control. 2. **Smart Factories:** Connecting PLC (Programmable Logic Controllers) to the cloud. 3. **Outdoor Wireless Bridges:** Long-range data links between buildings.
    ✨ Follow-up Questions
    • ⤷What are the specific antenna requirements for the W2AP-32D-R2?
    • ⤷ How does the MIMO 2x2 technology improve its performance in industrial settings?
    • ⤷ Is this module compatible with standard Linux drivers?