Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-333-R2/CE

  • AI
    The **W2AP-333-R2/CE** is a high-performance, industrial-grade wireless access point (AP) designed for outdoor or harsh indoor environments. It typically follows the IEEE 802.11ac (Wi-Fi 5) or 802.11ax (Wi-Fi 6) standards depending on the specific revision. Below is a breakdown of its core electronic components and technical specifications. --- ## 1. Core Technical Specifications The device is engineered for high-density environments and long-range connectivity. | Feature | Specification | | :--- | :--- | | **Form Factor** | Outdoor/Ruggedized Access Point | | **Wi-Fi Standard** | 802.11ac Wave 2 (Dual-Band) | | **Radio Chains** | 3x3 MIMO (Multiple Input, Multiple Output) | | **Ethernet Ports** | 10/100/1000 Base-T (RJ-45) with PoE support | | **Power Input** | PoE (802.3at/af) or 12V DC | | **Frequency Range** | 2.4 GHz and 5 GHz | --- ## 2. Key Electronic Components ### A. Processor & Memory * **CPU:** Usually powered by a Qualcomm or Broadcom networking SoC (System on Chip) optimized for traffic handling. * **RAM:** Typically 256MB to 512MB DDR3/DDR4 for managing concurrent client connections. * **Flash Memory:** 32MB to 128MB for firmware storage and configuration logs. ### B. Radio Frequency (RF) Components * **MIMO Antennas:** The "333" in the model name often refers to its **3x3:3** configuration (3 antennas, 3 spatial streams), allowing for higher throughput (up to 1300 Mbps on 5GHz). * **LNA (Low Noise Amplifiers):** Essential for picking up weak signals from distant mobile devices. * **PA (Power Amplifiers):** Boosts the transmission signal for extended outdoor range. ### C. Power & Protection * **PoE Controller:** Manages Power over Ethernet, allowing data and power to travel over a single Cat5e/6 cable. * **Surge Protection:** As a "CE" (European Conformity) certified outdoor unit, it includes TVS (Transient Voltage Suppressor) diodes to protect against static and lightning surges. --- ## 3. Interface Layout Most revisions of this hardware include the following physical interfaces: 1. **Console Port:** (RJ-45 or Micro-USB) for low-level CLI management and recovery. 2. **Reset Button:** Recessed hardware button for factory resets. 3. **LED Indicators:** Status lights for Power, LAN, 2.4G, and 5G activity. 4. **Grounding Point:** A dedicated screw terminal to prevent ESD (Electrostatic Discharge) damage. --- ## 4. Certification & Compliance The **CE** suffix indicates that the electronic components meet European Union standards for safety, health, and environmental protection. * **EN 300 328 / EN 301 893:** Standards for wideband transmission systems (Wi-Fi). * **EN 62368-1:** Safety requirements for audio/video and ICT equipment. * **RoHS:** Restriction of Hazardous Substances (Lead-free construction).
    ✨ Follow-up Questions
    • ⤷ Does the W2AP-333-R2 support MU-MIMO for simultaneous multi-user data streaming?
    • ⤷ What is the IP rating for the outdoor enclosure of this specific model?
    • ⤷ How do I configure the PoE requirements for this device on a standard network switch?