Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-33D-R

  • AI
    The **W2AP-33D-R** is an industrial-grade, panel-mount electronic device, typically categorized as a **Digital Signal Converter** or **Isolator** within the W2 series. These components are designed to interface between field sensors and control systems (like PLCs) to prevent electrical noise interference and signal degradation. --- ### 1. Core Electronic Specifications The "33D" and "R" suffixes in the part number define its specific electrical characteristics and power requirements. | Parameter | Specification | Description | |:---|:---|:---| | **Input Signal** | 4–20 mA DC | Standard industrial current loop input. | | **Output Signal** | 4–20 mA DC | Direct 1:1 signal replication (Isolator mode). | | **Power Supply** | 24V DC (R suffix) | The "R" indicates a low-voltage DC power requirement. | | **Isolation** | 3-Way Isolation | Isolates Input, Output, and Power circuits from each other. | | **Accuracy** | ±0.1% of span | High precision for process control. | | **Response Time** | ≤ 0.5 seconds | Time taken for output to reflect 90% of input change. | --- ### 2. Internal Electronic Architecture The device utilizes several key electronic stages to ensure signal integrity: * **Input Stage:** Contains a precision shunt resistor to convert the 4-20mA current into a voltage signal and a surge protection circuit. * **Isolation Barrier:** Uses **Opto-couplers** or **Magnetic Transformers**. This prevents high-voltage spikes (common in industrial environments) from traveling from the field sensor to the sensitive PLC input. * **DC-DC Converter:** An internal switching regulator that takes the 24V DC input and creates isolated power rails for the input and output circuitry. * **Output Stage:** A current-source circuit that regenerates the 4-20mA signal, ensuring it can drive the required load impedance (usually up to 550Ω). --- ### 3. Physical & Connection Layout The unit is typically housed in a plug-in style base for easy maintenance. * **Terminal Configuration:** 1. **Input (+/-):** Connection for the source sensor. 2. **Output (+/-):** Connection to the receiving controller. 3. **Power (+/-):** 24V DC Supply. * **Adjustment Pots:** Located on the front face, these are small potentiometers for **Zero** and **Span** calibration to fine-tune the output. --- ### 4. Typical Applications * **Ground Loop Elimination:** Breaking electrical paths between different ground potentials in a factory. * **Signal Buffering:** Increasing the drive capability of a weak sensor signal. * **System Protection:** Shielding a PLC from accidental high-voltage contact on field wiring.
    ✨ Follow-up Questions
    • ⤷ What is the maximum load resistance the W2AP-33D-R can drive on its output?
    • ⤷ Does this model support 110V AC power
    • ⤷ or is it strictly 24V DC?
    • ⤷ How do I perform a zero and span calibration on this specific unit?