Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-33G-R/UL

  • AI
    The **W2AP-33G-R/UL** is a high-performance, industrial-grade wireless access point designed for robust environments. It is part of a category of networking hardware often utilized in automation, large-scale deployments, or commercial infrastructure. ### Technical Specifications Overview | Feature | Specification | | :--- | :--- | | **Wireless Standard** | 802.11b/g/n (High-speed wireless communication) | | **Frequency Band** | 2.4 GHz | | **Ethernet Port** | 10/100/1000 Mbps RJ45 (Gigabit) | | **Power Input** | Typically PoE (Power over Ethernet) or DC Jack | | **Regulatory** | UL Listed (Underwriters Laboratories) for safety standards | | **Antenna Type** | Internal or External (depending on specific sub-revision) | --- ### Core Electronic Components The device's architecture consists of several critical subsystems: #### 1. The Main Processor (SoC) The heart of the unit is a **System on a Chip (SoC)**. This manages the data routing, encryption, and the Linux-based firmware. It handles the processing of wireless signals into Ethernet packets. #### 2. Radio Frequency (RF) Frontend * **Power Amplifiers (PA):** Boosts the transmit signal to ensure wide coverage. * **Low Noise Amplifiers (LNA):** Enhances the sensitivity to receive weak signals from distant mobile devices. * **RF Switches:** Rapidly switches between transmit and receive modes to manage data flow. #### 3. Power Management Unit (PMU) Because this is a "UL" listed device, its power circuitry is highly regulated. * **DC-DC Converters:** Steps down the input voltage (from PoE or DC supply) to the 3.3V or 1.8V levels required by the internal chips. * **PoE Controller:** Handles the handshake with a PoE switch to safely draw power over the Ethernet cable. #### 4. Memory Architecture * **RAM (DDR):** Temporary storage for active network traffic and the operating system. * **Flash Memory:** Non-volatile storage for the system firmware and configuration files. --- ### Key Differentiators * **UL Certification:** The "UL" suffix indicates that the electronic components meet specific fire and electrical safety standards required for installation in commercial buildings and plenum spaces. * **Ruggedized Build:** Unlike consumer routers, the electronic parts are often rated for higher temperature tolerances to prevent hardware failure in non-climate-controlled environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements (Voltage/Amperage) for this model?
    • ⤷ Does this device support dual-band 5GHz or only 2.4GHz?
    • ⤷ What is the maximum number of concurrent client connections supported by its CPU?