Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-33G-R2SLASHQ

  • AI
    The **W2AP-33G-R2/Q** is a high-performance, enterprise-grade outdoor wireless access point module typically used in industrial networking and telecommunications. This device is designed to handle high-density environments and harsh weather conditions. --- ### 1. Key Technical Specifications Below are the primary electronic and performance specifications for this model: | Component/Feature | Specification Details | | :--- | :--- | | **Standard** | IEEE 802.11ac Wave 2 | | **Radio Chains** | Dual-band (2.4 GHz and 5 GHz) | | **MIMO Support** | 2x2 or 3x3 MU-MIMO (Configuration dependent) | | **Ethernet Ports** | 1x 10/100/1000 Base-T (RJ-45) with PoE support | | **Power Input** | 802.3at PoE (Power over Ethernet) or 12V DC | | **Antenna Type** | External N-Type connectors or internal high-gain (varies by sub-model) | | **Ingress Protection** | IP67 (Dust-tight and waterproof) | --- ### 2. Core Electronic Architecture The hardware architecture of the W2AP-33G-R2/Q revolves around high-speed signal processing and robust power management: #### A. Main Processor (SoC) It typically utilizes a **Qualcomm Atheros IPQ series** chipset. This System-on-Chip handles the network routing, encryption (WPA3), and data traffic management. It is designed to maintain high throughput even with multiple connected clients. #### B. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Boost the outgoing signal to ensure long-distance outdoor coverage. * **Low Noise Amplifiers (LNA):** Improve the sensitivity for receiving weak signals from distant client devices (phones/tablets). * **Band-pass Filters:** Electronic components that filter out interference from other radio frequencies (like LTE or neighboring Wi-Fi). #### C. Power Management * **PoE Controller:** Converts 48V-57V PoE power coming through the Ethernet cable down to the internal voltages required (3.3V, 1.8V, 1.2V). * **Surge Protection:** Built-in TVS (Transient Voltage Suppressors) to protect the internal circuitry against static electricity and lightning strikes. --- ### 3. Physical Interface and Ruggedization Since this is an "Outdoor" or "Industrial" rated part, the electronic assembly includes: * **Heatsinks:** Large internal thermal pads and aluminum housing to dissipate heat in direct sunlight. * **Gaskets:** Silicone seals around the Ethernet and antenna ports to maintain an IP67 rating. * **Shielding:** Metal EMI (Electromagnetic Interference) shields over the radio chips to prevent internal crosstalk. --- ### 4. Implementation Code Example (Configuration Snippet) If you are interacting with the device via an API or CLI, the hardware configuration might look like this in a structured format: ```json { "radio_0": { "band": "2.4GHz", "channel_width": "20MHz", "tx_power": "27dBm", "mode": "802.11gn" }, "radio_1": { "band": "5GHz", "channel_width": "80MHz", "tx_power": "25dBm", "mode": "802.11ac-v2" } } ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum data rate supported by the W2AP-33G-R2/Q?
    • ⤷ Does this model support Mesh networking capabilities?
    • ⤷ How do I calculate the power budget for a PoE switch powering multiple W2AP units?