Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-414-R2/CE

  • AI
    The **W2AP-414-R2/CE** is a high-performance, enterprise-grade wireless access point (AP) designed for industrial and outdoor applications. This device is typically part of a mesh network or point-to-point/multipoint system, utilizing high-speed wireless standards. --- ### 1. Core Electronic Specifications The hardware architecture is designed for high throughput and stability in demanding environments. | Component / Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11ac Wave 2 (WiFi 5) | | **Frequency Bands** | Dual-band 2.4 GHz and 5 GHz | | **MIMO Support** | 2x2 or 4x4 MU-MIMO (depending on specific sub-revision) | | **Data Rate** | Up to 1200 Mbps - 1733 Mbps (aggregate) | | **Ethernet Ports** | 1x 10/100/1000 Base-T (RJ45) with PoE support | | **Input Power** | 802.3at PoE (Power over Ethernet) or 12V-24V DC | --- ### 2. Key Internal Hardware Components #### A. Processor & Chipset The "R2" designation often implies a second-generation revision. These units typically utilize **Qualcomm Atheros** or **Broadcom** enterprise chipsets that feature: * **Dedicated CPU:** Handles routing, security protocols (WPA3), and management. * **Hardware Offload:** Dedicated engines for NAT and VPN encryption to reduce CPU load. #### B. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Integrated high-power amplifiers to extend signal range for outdoor use. * **Low Noise Amplifiers (LNA):** Enhances sensitivity for receiving weak signals from distant client devices. * **Antenna Connectors:** Usually features N-type or RP-SMA connectors for external high-gain antennas. #### C. Power Management * **PoE Controller:** Manages power negotiation via the Ethernet cable, allowing the device to be placed up to 100 meters away from a power source. * **Surge Protection:** Built-in TVS (Transient Voltage Suppressors) to protect internal circuitry from static discharge or lightning-induced surges. --- ### 3. Certification & Environmental Design The **"CE"** suffix indicates compliance with European Union safety, health, and environmental protection requirements. * **Enclosure:** Typically IP67 rated (dust-tight and water-resistant). * **Thermal Management:** The PCB is often attached to a thermal pad and an aluminum heatsink (often the casing itself) to dissipate heat without fans. --- ### 4. Software & Protocols The electronic functionality is controlled by firmware that supports: ```json { "features": [ "VLAN Tagging (802.1Q)", "Band Steering", "Fast Roaming (802.11k/r/v)", "SNMP Management", "QoS (Quality of Service) Prioritization" ] } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum range of the W2AP-414-R2/CE when used with high-gain antennas?
    • ⤷ Does this model support centralized controller management or standalone mode?
    • ⤷ What are the specific power requirements for the PoE injector used with this device?