Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-42G-R

  • AI
    The **W2AP-42G-R** is an enterprise-grade, wall-plate style Wireless Access Point (WAP) designed for high-density environments like hotels, dormitories, and hospitals. It is engineered to fit into a standard electrical junction box. ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Wi-Fi Standard** | 802.11ac Wave 2 (Wi-Fi 5) | | **Radio Bands** | Dual-Band (2.4 GHz & 5 GHz) | | **Max Throughput** | ~1167 Mbps (300 Mbps on 2.4GHz + 867 Mbps on 5GHz) | | **MIMO Technology** | 2x2 MU-MIMO | | **Power Input** | IEEE 802.3af/at PoE (Power over Ethernet) | | **Physical Ports** | 1x Uplink (Rear), 1x LAN (Front), 1x RJ11 Passthrough | --- ### 2. Core Electronic Components The device consists of several specialized subsystems to manage data and power: #### A. The Processor and Chipset (SoC) The "brain" of the unit is typically a highly integrated System-on-Chip (SoC) from manufacturers like **Qualcomm Atheros** or **MediaTek**. - **CPU:** Handles the networking stack, security protocols (WPA2/WPA3), and management. - **WLAN Controller:** Manages the radio frequencies and spatial streams (MU-MIMO). #### B. Radio Frequency (RF) Frontend This section includes the physical components that transmit and receive wireless signals: - **Power Amplifiers (PA):** Boosts the outgoing signal for better coverage. - **Low Noise Amplifiers (LNA):** Enhances weak signals received from distant devices. - **Integrated Antennas:** Usually features internal high-gain omnidirectional antennas optimized for a wall-mount orientation. #### C. Power Management Circuitry Since the device is powered via **PoE**, it contains specific electronic parts to handle incoming high-voltage DC: - **PoE Controller:** Negotiates power delivery with the switch. - **DC-DC Converters:** Steps down the 48V PoE voltage to lower voltages (typically 3.3V or 1.2V) required by the logic chips. #### D. Connectivity Ports - **RJ45 Ports:** Magnetically isolated Ethernet ports to prevent electrical surges from damaging the internal circuitry. - **RJ11 Passthrough:** A passive connection that allows a traditional telephone line to pass through the unit without interfering with the digital data. --- ### 3. Structural Design - **Heat Dissipation:** Due to the compact "wall-plate" form factor, the PCB (Printed Circuit Board) often uses internal copper planes or small heat sinks to dissipate heat through the plastic casing. - **Form Factor:** Designed to be flush with the wall, hiding the wiring inside the wall cavity for a clean aesthetic.
    ✨ Follow-up Questions
    • ⤷What are the advantages of MU-MIMO in the W2AP-42G-R?
    • ⤷ How does the PoE power consumption of this device compare to Wi-Fi 6 models?
    • ⤷ Can the RJ11 port be used for digital data or only analog voice?