Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-433-R2/U

  • AI
    The **W2AP-433-R2/U** is a specific variant of an industrial-grade **Outdoor Wireless Access Point** (WAP), typically associated with the **W2AP series** used in railway, transportation, or harsh industrial environments. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Key Technical Specifications The electronic performance is centered around its dual-radio architecture and ruggedized power delivery. | Component | Specification | | :--- | :--- | | **Radio Standard** | IEEE 802.11a/b/g/n/ac (Wi-Fi 5) | | **Frequency Bands** | 2.4 GHz and 5 GHz | | **Data Rate** | Up to 867 Mbps (5GHz) + 300 Mbps (2.4GHz) | | **Antenna Ports** | 2x2 or 3x3 MIMO (N-type or QMA connectors) | | **Input Voltage** | 24V - 110V DC (Wide range for railway) or PoE+ (802.3at) | | **Protection** | IP67 Water/Dust proof, M12 Connectors | --- ### 2. Internal Electronic Architecture The hardware inside the W2AP-433-R2/U is designed for high reliability under vibration and extreme temperatures. #### A. Processing Unit (CPU/SoC) * **Main SoC:** Typically utilizes a high-performance network processor (such as Qualcomm Atheros or Broadcom) capable of handling heavy encryption (WPA3/AES) and high-speed packet forwarding. * **Memory:** Integrated DDR3 RAM (usually 256MB to 512MB) and Flash memory for firmware storage. #### B. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** High-gain amplifiers to ensure long-distance transmission in outdoor settings. * **Low Noise Amplifiers (LNA):** Used on the receiving end to improve sensitivity and pick up weak signals from mobile clients. * **RF Shielding:** Heavy metallic shielding boxes over the RF section to prevent Electromagnetic Interference (EMI). #### C. Power Supply Module * **Isolated DC-DC Converter:** Crucial for railway applications (EN50155 compliance). It isolates the internal electronics from surges and spikes common in train power grids. * **PoE Controller:** Manages Power over Ethernet negotiation if the device is powered via the LAN port. #### D. Physical Interface (I/O) * **M12 Connectors:** Unlike standard RJ45, the W2AP uses M12 X-Coded connectors. These are threaded, vibration-proof circular connectors that ensure the electronic connection remains stable during movement. --- ### 3. Electronic Compliance & Standards The "R2" and "U" designations often refer to specific regional certifications or hardware revisions. 1. **EN 50155:** Electronic equipment used on rolling stock (covers temperature, humidity, shock, and vibration). 2. **EN 50121-3-2:** Electromagnetic compatibility (EMC) specifically for railway electronic equipment. 3. **Surge Protection:** Built-in TVS (Transient Voltage Suppressors) on all data and power lines to protect against lightning or induction. --- ### 4. Comparison of Connector Types | Feature | M12 Connector (W2AP-433) | Standard RJ45 | | :--- | :--- | :--- | | **Waterproofing** | IP67 (Submersible) | None / IP20 | | **Vibration Resistance** | High (Locking thread) | Low (Plastic clip) | | **Industrial Use** | Railway / Heavy Industry | Office / Home | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the W2AP-433-R2/U in a railway environment?
    • ⤷ Does this model support Mesh networking for extended outdoor coverage?
    • ⤷ What is the operating temperature range for the internal electronic components?