Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-514-R2SLASHN

  • AI
    The **W2AP-514-R2** is a high-performance industrial wireless access point module typically utilized in enterprise networking, outdoor wireless bridges, or high-density connectivity environments. It is designed around the IEEE 802.11ac (Wi-Fi 5) standard. --- ### 1. Key Technical Specifications The following table summarizes the primary electronic and operational characteristics of the module: | Component / Feature | Specification Details | | :--- | :--- | | **Main Chipset** | Typically based on Qualcomm Atheros (e.g., QCA9880/QCA9882) | | **Wireless Standard** | IEEE 802.11a/n/ac (5 GHz Band) | | **MIMO Configuration** | 3x3 or 2x2 MIMO (Depending on specific sub-revision) | | **Interface Type** | Mini PCI Express (mPCIe) | | **Output Power** | High Power (often up to 20-24 dBm per chain) | | **Data Rate** | Up to 1.3 Gbps (for 3x3 11ac configurations) | | **Operating Voltage** | 3.3V DC (Standard mPCIe power rail) | --- ### 2. Core Electronic Architecture #### A. Radio Frequency (RF) Frontend The module employs specialized **Power Amplifiers (PA)** to boost the transmission signal for long-range coverage and **Low Noise Amplifiers (LNA)** to improve sensitivity when receiving weak signals from distant clients. #### B. Heat Dissipation Due to the high output power required for industrial use, these modules usually feature a large **Heatsink** or a metallic shielding cover. This prevents thermal throttling and maintains frequency stability during high data loads. #### C. Interface & Connectivity * **Mini PCIe Connector:** Handles the data exchange between the module and the host CPU/Routerboard. * **U.FL / IPEX Connectors:** Small surface-mount RF connectors used to attach external antennas. --- ### 3. Application Use Cases 1. **Industrial Hotspots:** Providing Wi-Fi in warehouses or factories with high interference. 2. **Point-to-Point (PtP) Bridging:** Connecting two buildings wirelessly over several kilometers. 3. **Video Surveillance:** Transmitting high-definition IP camera feeds wirelessly. --- ### 4. Integration Considerations When integrating the W2AP-514-R2 into a system, engineers must account for: * **Power Consumption:** Ensure the host board's 3.3V rail can provide sufficient amperage during peak TX bursts. * **Regulatory Compliance:** The high output power may require software capping to meet local FCC or CE regulations. * **Driver Support:** Usually requires `ath10k` or `ath9k` drivers in Linux/OpenWrt environments.
    ✨ Follow-up Questions
    • ⤷ What is the exact power consumption in Watts during peak transmission?
    • ⤷ Does this module support Wave 2 features like MU-MIMO?
    • ⤷ Which antenna gain is recommended for a 5km outdoor bridge using this part?