Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-51A-R2

  • AI
    The **W2AP-51A-R2** is a high-performance industrial wireless access point module typically utilized in enterprise networking, IoT gateways, and outdoor communication systems. It is based on the **IEEE 802.11ac (Wi-Fi 5)** standard and often utilizes Qualcomm Atheros chipsets. --- ### ## Technical Specifications Below are the primary electronic and hardware specifications for the W2AP-51A-R2: | Feature | Specification | | :--- | :--- | | **Standard** | IEEE 802.11a/n/ac (5GHz) | | **Chipset** | Qualcomm Atheros QCA9882 (Commonly used) | | **Interface** | Mini PCIe (Full-size) | | **Frequency Range** | 5.150 GHz ~ 5.850 GHz | | **Data Rate** | Up to 867 Mbps | | **MIMO Support** | 2x2 MIMO (Multiple Input, Multiple Output) | | **Output Power** | High Power (Typically up to 27dBm per chain) | | **Connectors** | 2 x U.FL (IPEX) antenna connectors | | **Operating Voltage** | 3.3V DC | --- ### ### Core Electronic Components The module's architecture is built around several key electronic blocks that ensure stable high-speed wireless transmission: 1. **Main SoC (System on Chip):** The heart of the module is usually the **QCA9882**. It handles the MAC (Media Access Control) and Baseband processing, converting digital data into radio frequency signals. 2. **Power Amplifiers (PA):** To achieve "High Power" status, the module integrates external PAs. These boost the signal strength to allow for long-range connectivity, making it suitable for outdoor links. 3. **Low Noise Amplifiers (LNA):** These components are critical for the receiving path. They amplify weak signals received from distant clients while minimizing background noise. 4. **Power Management Integrated Circuit (PMIC):** Regulates the 3.3V input from the Mini PCIe slot to the specific voltages required by the internal chips (often 1.1V or 1.8V). 5. **RF Front-End Modules (FEM):** A combination of switches, PAs, and LNAs that manage the 5GHz radio path to the U.FL connectors. --- ### ### Key Features for Integration * **Heat Management:** Due to the high output power, these modules often feature a **heatsink** or a thick metal shield to dissipate heat and prevent thermal throttling. * **Dual-Band Potential:** While this specific model is focused on the 5GHz band for high throughput and less interference, it is often paired with a 2.4GHz module in dual-radio systems. * **Host Compatibility:** It uses a standard **Mini PCIe 1.1** interface, making it compatible with MikroTik (RouterBOARD), Ubiquiti, and various industrial PC (IPC) motherboards.
    ✨ Follow-up Questions
    • ⤷ What are the recommended antennas for the W2AP-51A-R2 to maximize range?
    • ⤷ Is this module compatible with OpenWRT or other open-source firmware?
    • ⤷ What is the typical power consumption of this module under full load?