Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-52D-R/Q

  • AI
    The **W2AP-52D-R/Q** is a high-performance, industrial-grade dual-band wireless access point module, typically used in enterprise networking, telecommunications, or embedded industrial IoT solutions. It is designed to provide robust Wi-Fi connectivity in demanding environments. --- ### 1. Key Technical Specifications Below are the primary electronic characteristics and capabilities of the module: | Feature | Specification | | :--- | :--- | | **Wireless Standard** | IEEE 802.11ac/a/b/g/n (Wi-Fi 5) | | **Frequency Bands** | Dual-band (2.4 GHz and 5 GHz) | | **MIMO Support** | 2x2 MIMO (Multiple Input, Multiple Output) | | **Data Rate** | Up to 867 Mbps (5GHz) + 300 Mbps (2.4GHz) | | **Interface Type** | Mini PCIe (Peripheral Component Interconnect Express) | | **Chipset** | Often based on Qualcomm Atheros (QCA) architecture | | **Output Power** | High-power design for extended range | --- ### 2. Major Electronic Components The internal architecture of the W2AP-52D-R/Q consists of several critical sub-systems: #### A. Main SoC (System on Chip) The heart of the module is usually a high-integration wireless SoC. This chip handles: * **Baseband Processing:** Converting digital data into radio signals. * **MAC Layer:** Managing the protocol timing and packet collisions. * **CPU:** Managing the local firmware and interface communication with the host. #### B. Radio Frequency (RF) Front-End * **Power Amplifiers (PA):** Boosts the signal strength for transmission to ensure long-range coverage. * **Low Noise Amplifiers (LNA):** Sensitive components that amplify weak incoming signals while minimizing background noise. * **Diplexers:** Allow the 2.4GHz and 5GHz signals to share antenna paths without interference. #### C. Power Management Circuitry * The module regulates the voltage provided by the Mini PCIe slot (usually 3.3V) down to the lower voltages (1.1V, 1.8V) required by the high-speed silicon cores. --- ### 3. Connection and Integration The "R/Q" designation often refers to specific hardware revisions or regional regulatory settings (like RoHS compliance or specific frequency locking). 1. **Mini PCIe Connector:** Standard 52-pin edge connector providing power and data bus (PCIe/USB signals). 2. **Antenna Ports:** Usually equipped with **U.FL (IPEX)** connectors. These are micro-miniature RF connectors used to link the module to external dipole or patch antennas. 3. **Thermal Management:** Because of the high-power output, these modules often feature integrated metal shielding that also acts as a heat spreader. --- ### 4. Typical Applications * **Industrial Routers:** Used in outdoor or factory-floor networking equipment. * **Digital Signage:** Providing high-speed wireless backhaul for remote displays. * **Medical Equipment:** Reliable, high-bandwidth data transmission for imaging or monitoring.
    ✨ Follow-up Questions
    • ⤷ What are the power consumption requirements for the W2AP-52D-R/Q?
    • ⤷ Which driver sets are required to integrate this module with a Linux-based host?
    • ⤷ Does this module support Wave 2 features like MU-MIMO?