Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-53A-R2

  • AI
    The **W2AP-53A-R2** is a high-performance, enterprise-grade wireless access point. It is designed for high-density environments, leveraging Wi-Fi 5 (802.11ac Wave 2) technology. Below is a breakdown of its electronic components, specifications, and architecture. --- ### 1. Core Technical Specifications The device is built around a Multi-Input Multi-Output (MIMO) architecture to handle high-speed data transmission across dual bands. | Component | Specification | | :--- | :--- | | **Wi-Fi Standard** | IEEE 802.11a/b/g/n/ac Wave 2 | | **Radio Configuration** | Dual-band (2.4 GHz and 5 GHz) | | **MIMO Support** | 2x2 MU-MIMO | | **Data Throughput** | Up to 1167 Mbps (300 Mbps on 2.4GHz + 867 Mbps on 5GHz) | | **Power Input** | IEEE 802.3af PoE (Power over Ethernet) or 12V DC | | **Ethernet Port** | 1 x 10/100/1000 Base-T (RJ-45) | --- ### 2. Internal Electronic Architecture The "R2" designation typically implies a hardware revision with optimized circuitry for better heat dissipation and signal stability. #### A. Chipset & Processing The unit generally utilizes a **Qualcomm Atheros** or **Mediatek** SoC (System on Chip) optimized for networking. * **CPU:** An ARM-based processor that handles traffic management, security encryption (WPA3/WPA2), and the operating system (firmware). * **Memory:** Includes **DDR3 RAM** for buffering data packets and **Flash Memory** for storing the firmware and configuration files. #### B. RF (Radio Frequency) Front-End * **Power Amplifiers (PA):** Boosts the outgoing signal to ensure maximum coverage area. * **Low Noise Amplifiers (LNA):** Increases the sensitivity for receiving weak signals from distant client devices (smartphones, laptops). * **Antenna System:** Internal high-gain omnidirectional antennas configured for 2x2 spatial streams. #### C. Power Management Circuitry * **PoE Controller:** A specialized IC that negotiates power delivery from a PoE switch or injector via the Ethernet cable. * **Voltage Regulators:** Converts the 48V (PoE) or 12V (DC) input into the low voltages (3.3V, 1.8V, 1.2V) required by the sensitive digital logic and RF chips. --- ### 3. Key Features of the R2 Revision The electronic design of the W2AP-53A-R2 focuses on two main improvements over standard access points: 1. **MU-MIMO Capability:** Unlike older versions, the Wave 2 electronics allow the AP to communicate with multiple clients simultaneously rather than sequentially, reducing latency. 2. **Beamforming:** The RF circuitry can electronically adjust the phase of the signals to "shape" the Wi-Fi beam toward the specific location of a connected device, improving range and speed. 3. **Watchdog Timer:** A hardware-level circuit that monitors system stability and automatically reboots the electronics if a software hang is detected. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum power consumption of the W2AP-53A-R2 under full load?
    • ⤷ Does this model support external antenna attachments or only internal?
    • ⤷ How many concurrent users can the W2AP-53A-R2 hardware handle effectively?