Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • W2AP-53A-R2/CE

  • AI
    The **W2AP-53A-R2/CE** is a high-performance industrial-grade wireless access point, often integrated into automation and networking systems. It is characterized by its robust electronic architecture designed for reliability in harsh environments. --- ### 1. Core Electronic Specifications The internal components are selected to ensure high throughput and stable connectivity under thermal stress. | Component Category | Specification Details | | :--- | :--- | | **Processor** | High-speed network processor (SoC) for traffic management. | | **Wireless Standard** | IEEE 802.11a/b/g/n/ac (Dual-band support). | | **Ethernet Interfaces** | 10/100/1000 Base-T(X) RJ45 Ports. | | **RAM/Flash** | Industrial DDR memory and high-cycle NAND flash for firmware storage. | | **Power Input** | Redundant DC Power inputs (usually 12-48VDC) or PoE (Power over Ethernet). | --- ### 2. Key Hardware Subsystems #### A. RF Front-End (Radio Modules) * **MIMO Support:** Usually features 2x2 or 3x3 MIMO (Multiple-Input Multiple-Output) technology to increase data reliability and speed. * **Amplifiers:** Integrated Low Noise Amplifiers (LNA) to improve signal reception and Power Amplifiers (PA) for extended transmission range. #### B. Power Management Circuitry * **Isolation:** Electronic isolation to protect against voltage spikes common in industrial settings. * **PoE Controller:** Internal circuitry to negotiate power delivery via the Ethernet cable (802.3af/at standard). #### C. Environmental Protections * **TVS Diodes:** Transient Voltage Suppression diodes are used on data lines to prevent ESD (Electrostatic Discharge) damage. * **Thermal Management:** Passive cooling via internal heat sinks to ensure the electronics do not throttle performance in high-temperature cabinets. --- ### 3. Physical & Interface Layout The electronic design is housed in a ruggedized casing, focusing on accessibility for maintenance. 1. **Antenna Connectors:** Typically RP-SMA connectors for external high-gain antennas. 2. **LED Diagnostics:** Surface-mounted LEDs indicating Power, Link/Act, and Signal Strength. 3. **Reset Circuitry:** A hardware watchdog timer that can automatically reboot the device if the software crashes. ---
    ✨ Follow-up Questions
    • ⤷ Does this model support Power over Ethernet (PoE) standards?
    • ⤷ What are the specific mounting options for this hardware?
    • ⤷ Is there a difference between the R2 and the original version in terms of radio frequency?